Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476SMH6R3M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 476SMH6R3M
Description  Small Size ??Extended Life ??Low Cost
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476SMH6R3M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  476SMH6R3M Datasheet HTML 1Page - Illinois Capacitor, Inc. 476SMH6R3M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMH
+105°C, General Purpose
1000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
0.1
50
104SMH050M
1989.44
2.3
4x5.4
0.22
50
224SMH050M
904.29
3.4
4x5.4
0.33
50
334SMH050M
602.86
4.1
4x5.4
0.47
50
474SMH050M
423.28
5
4x5.4
1
50
105SMH050M
198.94
10
4x5.4
2.2
50
225SMH050M
90.43
16
4x5.4
3.3
50
335SMH050M
60.286
16
4x5.4
4.7
35
475SMH035M
49.383
22
4x5.4
4.7
50
475SMH050M
42.33
23
5x5.4
10
16
106SMH016M
33.157
28
4x5.4
10
35
106SMH035M
23.21
30
5x5.4
10
50
106SMH050M
19.894
32
6.3x5.4
22
6.3
226SMH6R3M
21.1
29
4x5.4
22
16
226SMH016M
15.07
39
5x5.4
22
35
226SMH035M
10.55
60
6.3x5.4
22
50
226SMH050M
9.04
51
6.3x5.8
33
10
336SMH010M
12.06
34
5x5.4
33
16
336SMH016M
33.158
35
5x5.4
33
25
336SMH025M
8.038
65
6.3x5.4
33
35
336SMH035M
7.033
42
6.3x5.4
33
35
336SMH035MFT
23.211
84
8x6.5
33
50
336SMH050M
6.03
70
6.3x7.7
47
6.3
476SMH6R3M
9.877
46
5x5.4
47
16
476SMH016M
7.055
70
6.3x5.4
47
35
476SMH035M
4.938
80
6.3x6
47
50
476SMH050M
4.23
80
6.3x7.7
100
6.3
107SMH6R3M
4.642
71
6.3x5.4
100
16
107SMH016M
3.3157
70
6.3x5.4
100
25
107SMH025M
2.653
100
6.3x7.7
100
50
107SMH050M
1.989
230
8x10.5
150
10
157SMH010M
2.653
86
6.3x6
150
16
157SMH016M
2.21
95
6.3x7.7
220
16
227SMH016M
1.507
120
6.3x7.7
220
25
227SMH025ML10 1.2057
435
10x10.5
220
25
227SMH025MFE
1.2057
320
8x10.5
220
35
227SMH035M
1.06
190
8x10.5
220
50
227SMH050M
0.904
375
10x10.5
330
6.3
337SMH6R3M
1.407
290
6.3x7.7
330
16
337SMH016ML10
1.005
195
10x10.5
330
25
337SMH025M
0.8038
220
8x10.5
330
35
337SMH035M
0.704
450
10x10.5
470
16
477SMH016M
0.7055
340
8x10.5
470
25
477SMH025M
0.5644
490
10x10.5
680
16
687SMH016M
0.488
310
10x10.5
1000
6.3
108SMH6R3M
0.4642
340
8x10.5
1500
6.3
158SMH6R3M
0.3316
475
10x10.5


Similar Part No. - 476SMH6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476SMH6R3M ILLINOISCAPACITOR-476SMH6R3M Datasheet
101Kb / 2P
   105째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
476SMH6R3M ILLINOISCAPACITOR-476SMH6R3M Datasheet
200Kb / 2P
   105C General Purpose Surface Mount Aluminum Electrolytic Capacitors
476SMH6R3M ILLINOISCAPACITOR-476SMH6R3M Datasheet
224Kb / 2P
   General Purpose 1000 hours
476SMH6R3M ILLINOISCAPACITOR-476SMH6R3M Datasheet
218Kb / 2P
   Small size ??Extended Life ??Low cost
476SMH6R3M ILLINOISCAPACITOR-476SMH6R3M Datasheet
124Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 476SMH6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
SVH ILLINOISCAPACITOR-SVH Datasheet
221Kb / 4P
   Small size ??Extended Life ??Low cost
SMH ILLINOISCAPACITOR-SMH Datasheet
218Kb / 2P
   Small size ??Extended Life ??Low cost
107SML063M ILLINOISCAPACITOR-107SML063M Datasheet
306Kb / 3P
   Small Size ??Low Cost
107SML016M ILLINOISCAPACITOR-107SML016M Datasheet
306Kb / 3P
   Small Size ??Low Cost
SML ILLINOISCAPACITOR-SML Datasheet
239Kb / 3P
   Small size ??Low cost
logo
Ningbo Tianbo Ganglian ...
HJR4102 TIANBO-HJR4102 Datasheet
1Mb / 3P
   Small size and low cost
HJR4102E TIANBO-HJR4102E Datasheet
1Mb / 3P
   Small size and low cost
logo
Illinois Capacitor, Inc...
SVL ILLINOISCAPACITOR-SVL Datasheet
198Kb / 2P
   Small size ??Long Life
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
   Small size ??Self Healing ??Low Cost
logo
TDK Electronics
CGJ5L2X7R0J106KTXXXX TDK-CGJ5L2X7R0J106KTXXXX Datasheet
291Kb / 2P
   Extended Life MLCC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com