Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

126AVG160MGBJ Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 126AVG160MGBJ
Description  Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

126AVG160MGBJ Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  126AVG160MGBJ Datasheet HTML 1Page - Illinois Capacitor, Inc. 126AVG160MGBJ Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Feb-17
FEATURES
Small Size - High Temperature
Low ESR – High Ripple Current
– Stable with Temperature – High Frequency
APPLICATIONS
Power Units
LED Lighting Telecommunications
Operating Temperature Range
-55°C to +125°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge Voltage
WVDC
16
25
35
50
63
100
160
SVDC
1.15 x rated WVDC
Dissipation Factor
120 Hz, 20°C
12% MAX
Leakage Current
2 Minutes
See standard part listing
Low Temperature
Stability
Impedance Ratio
(120 Hz)
-25°C/ +20°C
<1.15
-55°C/ +20°C
<1.25
Load Life
2000 hours( 1500 Hours for WVDC>35V) at 125°C with rated WVDC applied
Capacitance Change
<30% of initial measured value
Dissipation Factor
<300% of maximum specified value
ESR
<300% of maximum specified value
Leakage Current
<100% of maximum specified value
Humidity test
1000 hours at 20°C with rated voltage applied at 90-95% R.H.
Capacitance Change
<20% of initial measured value
Dissipation Factor
<150% of maximum specified value
ESR
<150% of maximum specified value
Leakage Current
<100% of maximum specified value
Surge Voltage test
1000 cycles at 125°C with rated surge voltage applied for 30 seconds through a
1k
Ω resistor and discharged for 5 minutes and 30 seconds
Capacitance Change
<20% of initial measured value
Dissipation Factor
<150% of maximum specified value
ESR
<150% of maximum specified value
Leakage Current
<100% of maximum specified value
Failure Rate
0.5% /1000 hours Maximum (60% confidence level at 125°C)
Ripple Current Multipliers
Frequency (Hz)
120
1k
10k
100k-300K
.05
.3
.7
1.0
D+0.5
8
10
S+0.5
3.5
5.0
d
0.6
0.6
L1=L+1.5mm MAX


Similar Part No. - 126AVG160MGBJ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
126AVG160MGBJ ILLINOISCAPACITOR-126AVG160MGBJ Datasheet
193Kb / 2P
   Highest capacitance & Voltage
126AVG160MGBJ ILLINOISCAPACITOR-126AVG160MGBJ Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
126AVG160MGBJ ILLINOISCAPACITOR-126AVG160MGBJ Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
More results

Similar Description - 126AVG160MGBJ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
686AVG035MFF ILLINOISCAPACITOR-686AVG035MFF Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
107UVR6R3MEW ILLINOISCAPACITOR-107UVR6R3MEW Datasheet
259Kb / 2P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
ULR ILLINOISCAPACITOR-ULR Datasheet
259Kb / 3P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
UVG ILLINOISCAPACITOR-UVG Datasheet
225Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
277UER016MFH ILLINOISCAPACITOR-277UER016MFH Datasheet
299Kb / 2P
   High Temperature . Very Low ESR . High Ripple Current . Stable with Temperature . High Frequency
277ULR6R3MDY ILLINOISCAPACITOR-277ULR6R3MDY Datasheet
333Kb / 3P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
UVR ILLINOISCAPACITOR-UVR Datasheet
177Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
UER ILLINOISCAPACITOR-UER Datasheet
256Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ?뱒table with temperature ??High frequency
ULG ILLINOISCAPACITOR-ULG Datasheet
149Kb / 2P
   Small size - High ripple current ??super low ESR
MPW ILLINOISCAPACITOR-MPW Datasheet
190Kb / 2P
   Low ESR - High AC/Ripple Current - Stable with frequency and
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com