Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD15N06 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTD15N06
Description  Power MOSFET 15 Amps, 60 Volts
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD15N06 Datasheet(HTML) 1 Page - ON Semiconductor

  NTD15N06 Datasheet HTML 1Page - ON Semiconductor NTD15N06 Datasheet HTML 2Page - ON Semiconductor NTD15N06 Datasheet HTML 3Page - ON Semiconductor NTD15N06 Datasheet HTML 4Page - ON Semiconductor NTD15N06 Datasheet HTML 5Page - ON Semiconductor NTD15N06 Datasheet HTML 6Page - ON Semiconductor NTD15N06 Datasheet HTML 7Page - ON Semiconductor NTD15N06 Datasheet HTML 8Page - ON Semiconductor NTD15N06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2003
September, 2003 − Rev. 1
1
Publication Order Number:
NTD15N06/D
NTD15N06
Power MOSFET
15 Amps, 60 Volts
N−Channel DPAK
Designed for low voltage, high speed switching applications in
power supplies, converters and power motor controls and bridge
circuits.
Typical Applications
Power Supplies
Converters
Power Motor Controls
Bridge Circuits
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MW)
VDGR
60
Vdc
Gate−to−Source Voltage
− Continuous
− Non−repetitive (tpv10 ms)
VGS
VGS
"20
"30
Vdc
Drain Current
− Continuous @ TA = 25°C
− Continuous @ TA = 100°C
− Single Pulse (tpv10 ms)
ID
ID
IDM
15
10
45
Adc
Apk
Total Power Dissipation @ TJ = 25°C
Derate above 25
°C
Total Power Dissipation @ TA = 25°C (Note 1)
Total Power Dissipation @ TA = 25°C (Note 2)
PD
48
0.32
2.1
1.5
W
W/
°C
W
W
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
+175
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, L = 1.0 mH,
IL(pk) = 11 A, VDS = 60 Vdc)
EAS
61
mJ
Thermal Resistance
− Junction−to−Case
− Junction−to−Ambient (Note 1)
− Junction−to−Ambient (Note 2)
RqJC
RqJA
RqJA
3.13
71.4
100
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
1. When surface mounted to an FR4 board using 0.5 sq. in. pad size.
2. When surface mounted to an FR4 board using the minimum recommended
pad size.
15 AMPERES
60 VOLTS
RDS(on) = 76 mW (TYP)
Device
Package
Shipping
ORDERING INFORMATION
NTD15N06
DPAK
75 Units/Rail
http://onsemi.com
N−Channel
D
S
G
NTD15N06−1
DPAK
Straight Lead
75 Units/Rail
NTD15N06T4
DPAK
2500/Tape & Reel
1
Gate
3
Source
2
Drain
4
Drain
DPAK
CASE 369C
(Surface Mount)
Style 2
MARKING DIAGRAMS
15N06
Device Code
Y
= Year
WW
= Work Week
1 2
3
4
1
Gate
3
Source
2
Drain
4
Drain
DPAK
CASE 369D
(Straight Lead)
Style 2
1
2
3
4


Similar Part No. - NTD15N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD15N06L ONSEMI-NTD15N06L Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
September, 2003 ??Rev. 1
NTD15N06L-1 ONSEMI-NTD15N06L-1 Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
September, 2003 ??Rev. 1
NTD15N06LT4 ONSEMI-NTD15N06LT4 Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
September, 2003 ??Rev. 1
More results

Similar Description - NTD15N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD15N06L ONSEMI-NTD15N06L Datasheet
93Kb / 10P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
September, 2003 ??Rev. 1
NTP18N06LG ONSEMI-NTP18N06LG Datasheet
91Kb / 8P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
August, 2005 ??Rev. 4
NTD18N06-001 ONSEMI-NTD18N06-001 Datasheet
168Kb / 9P
   Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
NTD32N06L-001 ONSEMI-NTD32N06L-001 Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
MTP23P06VG ONSEMI-MTP23P06VG Datasheet
74Kb / 7P
   Power MOSFET 23 Amps, 60 Volts
June, 2006 ??Rev. 4
NTP52N10G ONSEMI-NTP52N10G Datasheet
164Kb / 7P
   Power MOSFET 60 Amps, 100 Volts
March, 2006 ??Rev. 4
NTD32N06LT4G ONSEMI-NTD32N06LT4G Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTD60N03 ONSEMI-NTD60N03 Datasheet
89Kb / 10P
   Power MOSFET 60 Amps, 28 Volts
March, 2003 - Rev. 5
NTP27N06L ONSEMI-NTP27N06L Datasheet
66Kb / 8P
   Power MOSFET 27 Amps, 60 Volts
January, 2005 ??Rev. 3
NTB45N06 ONSEMI-NTB45N06_11 Datasheet
148Kb / 7P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com