Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBR3L60A Datasheet(PDF) 3 Page - Rohm

Part # RBR3L60A
Description  Schottky Barrier Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RBR3L60A Datasheet(HTML) 3 Page - Rohm

  RBR3L60A Datasheet HTML 1Page - Rohm RBR3L60A Datasheet HTML 2Page - Rohm RBR3L60A Datasheet HTML 3Page - Rohm RBR3L60A Datasheet HTML 4Page - Rohm RBR3L60A Datasheet HTML 5Page - Rohm RBR3L60A Datasheet HTML 6Page - Rohm RBR3L60A Datasheet HTML 7Page - Rohm RBR3L60A Datasheet HTML 8Page - Rohm RBR3L60A Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RBR3L60A
lElectrical Characteristic Curves
230
235
240
245
250
255
260
265
270
Ave. : 245pF
T
j=25°C
f=1MHz
V
R=0V
n=10pcs
15
20
25
30
35
40
45
50
55
T
j=25°C
V
R=60V
n=30pcs
Ave. : 23
mA
10
15
20
25
30
35
40
45
50
Ave. : 14.7ns
T
j=25°C
I
F=0.1A
I
R=0.1A
I
rr / IR=0.1
n=10pcs
40
60
80
100
120
140
160
180
200
220
Ave. : 109.5A
I
R DISPERSION MAP
C
t DISPERSION MAP
I
FSM DISPERSION MAP
t
rr DISPERSION MAP
8.3ms
I
FSM
1cyc
T
a=25°C
3/5
2015.03 - Rev.A


Similar Part No. - RBR3L60A

ManufacturerPart #DatasheetDescription
logo
Rohm
RBR3L60B ROHM-RBR3L60B Datasheet
621Kb / 9P
   Schottky Barrier Diode
More results

Similar Description - RBR3L60A

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com