Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE57611BDH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NE57611BDH
Description  Single cell Li-ion battery charger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57611BDH Datasheet(HTML) 3 Page - NXP Semiconductors

  NE57611BDH Datasheet HTML 1Page - NXP Semiconductors NE57611BDH Datasheet HTML 2Page - NXP Semiconductors NE57611BDH Datasheet HTML 3Page - NXP Semiconductors NE57611BDH Datasheet HTML 4Page - NXP Semiconductors NE57611BDH Datasheet HTML 5Page - NXP Semiconductors NE57611BDH Datasheet HTML 6Page - NXP Semiconductors NE57611BDH Datasheet HTML 7Page - NXP Semiconductors NE57611BDH Datasheet HTML 8Page - NXP Semiconductors NE57611BDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product data
NE57611
Single cell Li-ion battery charger
2003 Oct 15
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
TEMPERATURE
TYPE NUMBER
NAME
DESCRIPTION
RANGE
NE57611BDH
VSOP-8A (TSSOP)
plastic thin shrink small outline package; 8 leads; body width 4.4 mm
–20 to +70
°C
PIN CONFIGURATION
SL01660
1
2
3
4
8
7
6
5
TOP VIEW
VSS
LV
LVEN
ON/OFF
CS
VCELL
DRV
VCC
Figure 2.
Pin configuration.
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
ON/OFF
ON/OFF control input pin for the IC.
ON/OFF = VCC: OFF
ON/OFF = GND: ON
2
LVEN
Low voltage detection circuit ON/OFF control.
LVEN = VCC: OFF
LVEN = GND: ON
3
LV
Low cell voltage detection circuit output pin.
Open collector; Active-LOW.
4
VSS
Connect to negative pole of battery.
5
CS
Current detection pin.
Detects current by drop in external resistor
voltage and controls rated current.
Current value can be set at 0.1 V/R1 typ.
6
VCELL
Battery voltage input pin.
Detects battery voltage and controls rated
voltage to the prescribed voltage value.
7
DRV
Charging control output pin drives external
PNP-Transistor to control charging.
8
VCC
Power supply input pin.
MAXIMUM RATINGS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC(max)
Power supply voltage
–0.3
+18
V
VCEL(max)
Maximum cell voltage
–0.3
+13
V
VLVEN
LVEN input voltage
–0.3
VCC + 0.3
V
VON/OFF
ON/OFF input voltage
–0.3
VCC + 0.3
V
Topr
Operating ambient temperature
–20
+70
°C
Tstg
Storage temperature
–40
+125
°C
PD
Power dissipation
300
mW


Similar Part No. - NE57611BDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57610 PHILIPS-NE57610 Datasheet
189Kb / 16P
   Li-ion battery charger control with adjustable thresholds
2002 Nov 05
NE57610BDH PHILIPS-NE57610BDH Datasheet
189Kb / 16P
   Li-ion battery charger control with adjustable thresholds
2002 Nov 05
NE57610EDH PHILIPS-NE57610EDH Datasheet
189Kb / 16P
   Li-ion battery charger control with adjustable thresholds
2002 Nov 05
NE57610YDH PHILIPS-NE57610YDH Datasheet
189Kb / 16P
   Li-ion battery charger control with adjustable thresholds
2002 Nov 05
More results

Similar Description - NE57611BDH

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
logo
Texas Instruments
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com