Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VB20150SG-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VB20150SG-E3
Description  High efficiency operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB20150SG-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  VB20150SG-E3 Datasheet HTML 1Page - Vishay Siliconix VB20150SG-E3 Datasheet HTML 2Page - Vishay Siliconix VB20150SG-E3 Datasheet HTML 3Page - Vishay Siliconix VB20150SG-E3 Datasheet HTML 4Page - Vishay Siliconix VB20150SG-E3 Datasheet HTML 5Page - Vishay Siliconix VB20150SG-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
V20150SG-E3, VF20150SG-E3, VB20150SG-E3, VI20150SG-E3
www.vishay.com
Vishay General Semiconductor
Revision: 13-Dec-16
3
Document Number: 89060
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
Fig. 7 - Typical Transient Thermal Impedance
Instantaneous Forward Voltage (V)
0
0.2
0.4
0.8
1.2
1.6
100
10
1
0.1
T
A = 100 °C
T
A = 25 °C
0.6
1.0
T
A = 150 °C
T
A = 125 °C
1.4
10
20
30
40
50
60
70
80
90
100
1
0.1
0.01
0.0001
100
10
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 25 °C
T
A = 100 °C
T
A = 125 °C
0.001
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
10
100
10
1
0.01
0.1
1
10
100
t - Pulse Duration (s)
V(B,I)20150SG
Junction to Case
10
0.1
0.01
0.1
1
10
100
t - Pulse Duration (s)
VF20150SG
Junction to Case
1


Similar Part No. - VB20150SG-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VB20150SG-E3 VISHAY-VB20150SG-E3 Datasheet
217Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VB20150SG-E3/4W VISHAY-VB20150SG-E3/4W Datasheet
167Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 5 A
Revision: 19-May-08
VB20150SG-E3/4W VISHAY-VB20150SG-E3/4W Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
VB20150SG-E3/8W VISHAY-VB20150SG-E3/8W Datasheet
167Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 5 A
Revision: 19-May-08
VB20150SG-E3/8W VISHAY-VB20150SG-E3/8W Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
More results

Similar Description - VB20150SG-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10150S-E3 VISHAY-V10150S-E3 Datasheet
167Kb / 6P
   High efficiency operation
Revision: 13-Dec-16
V30100SG-E3 VISHAY-V30100SG-E3 Datasheet
161Kb / 6P
   High efficiency operation
Revision: 13-Dec-16
VSB1545-M3 VISHAY-VSB1545-M3 Datasheet
89Kb / 5P
   High efficiency operation
Revision: 22-Nov-13
logo
Shanghai Leiditech Elec...
SS15U100 LEIDITECH-SS15U100 Datasheet
482Kb / 3P
   Low power loss, high efficiency operation
logo
Semtech Corporation
SC4609 SEMTECH-SC4609 Datasheet
329Kb / 18P
   Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4608 SEMTECH-SC4608 Datasheet
361Kb / 19P
   Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4607 SEMTECH-SC4607 Datasheet
318Kb / 17P
   Very Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4603 SEMTECH-SC4603 Datasheet
317Kb / 16P
   Very Low Input, MHz Operation, High Efficiency Synchronous Buck
SC4603 SEMTECH-SC4603_08 Datasheet
325Kb / 16P
   Very Low Input, MHz Operation,High Efficiency Synchronous Buck
logo
STMicroelectronics
STOD1317B STMICROELECTRONICS-STOD1317B Datasheet
907Kb / 22P
   Very high efficiency at light load thanks to pulse skipping operation
April 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com