Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE57610BDH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # NE57610BDH
Description  Li-ion battery charger control with adjustable thresholds
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57610BDH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button NE57610BDH Datasheet HTML 6Page - NXP Semiconductors NE57610BDH Datasheet HTML 7Page - NXP Semiconductors NE57610BDH Datasheet HTML 8Page - NXP Semiconductors NE57610BDH Datasheet HTML 9Page - NXP Semiconductors NE57610BDH Datasheet HTML 10Page - NXP Semiconductors NE57610BDH Datasheet HTML 11Page - NXP Semiconductors NE57610BDH Datasheet HTML 12Page - NXP Semiconductors NE57610BDH Datasheet HTML 13Page - NXP Semiconductors NE57610BDH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Product data
NE57610
Li-ion battery charger control
with adjustable thresholds
2002 Nov 05
10
NE57610 OPERATION
The typical application schematic is given in Figure 17. Because in
a multiple-cell battery pack, the battery charger cannot access the
connection(s) between the cells within a battery pack, the following
discussion is based upon the calculated value of each cell’s voltage
(Vbatt/number of series cells).
Start of charging
The start of the charging process is only permitted when all of the
following conditions are met:
The DC input voltage is greater than V
ADPH, which indicates there
is sufficient input voltage.
The battery voltage is less than the overcharged voltage (V
ov)
The reset and ON/OFF pins are both LOW.
The battery temperature voltage falls within its recommended
operating range.
The charging behavior depends on the voltage of the battery. If the
initial cell voltage is:
< 2.0 V (VLV) (overdischarged): A 1 mA charge current is sent
into the battery pack and the undervoltage charge timer is set. If the
battery pack voltage does not reach 2.3 V (or VUV) in this preset
period of time, the pack is assumed to be damaged and the
charging process is terminated. The charger can be restarted by
bringing RESET momentarily high, or by turning-OFF and then ON
the input voltage.
2.3V (VUV) < Vbatt < 2.9 V (VP): A charge current of approximately
1/8th the normal charge current (pre-charge) is placed into the
battery pack. This continues until the cell voltage reaches 2.9 V. If
the pre-charge timer, times out prior to the cell reaching 2.9 V, the
pre-charge is terminated. The charger can be restarted by bringing
RESET momentarily high, or by turning-OFF and then ON the input
voltage.
2.9 V (VP) < Vbatt < 4.35 V (VOV): The high-rate charge current is
placed into the battery pack until the cell reaches a full-charge
condition by either reaching VOV or VF. If the cell does not reach the
full-charge level within the period of the charge timer, the charge is
terminated.
Vbatt > 4.35 V (VOV) (fully charged): The charge current is
completely cut off. If the battery pack is allowed to remain on the
charger for an extended period, and if the pack voltage falls to 3.9 V
per cell due to self-discharge, charging begins again at the full rate
of charge until VOV or VF is reached again. This process repeats as
long as the battery is in the charger.
Overriding conditions
If, under any of the above conditions, the following conditions are
encountered, the charging process will be immediately terminated.
If the temperature sensing input is lower than V
TH or higher than
VTL voltages. (remember, a thermocouple’s voltage goes down
with higher temperatures)
If the timer associated with the presently active function times out.
A State diagram of the various modes of the charger can be seen in
Figure 18.
SL01863
ON/OFF RESET
GND
PGND
21
6
7
TMP
12
VREF
5
TP2
4
TP1
3
BAT2
14
BAT1
13
DRV
17
BCP51
VCC
18
15
CS
PBYR
240CT
TP2
TP1
RCS
THERM
V–
V+
BATTERY PACK
CELL 2
CDLL 1
OSC1
OSC2
24
23
CT
ROSC
GRN
21
RED
22
GRN
RED
150
10
µF
+Vin
–Vin
NE57610
Figure 17. Typical application circuit (2-cell).


Similar Part No. - NE57610BDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
NE57611BDH PHILIPS-NE57611BDH Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
More results

Similar Description - NE57610BDH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
   Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com