Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5517D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NE5517D
Description  Dual operational transconductance amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5517D Datasheet(HTML) 3 Page - NXP Semiconductors

  NE5517D Datasheet HTML 1Page - NXP Semiconductors NE5517D Datasheet HTML 2Page - NXP Semiconductors NE5517D Datasheet HTML 3Page - NXP Semiconductors NE5517D Datasheet HTML 4Page - NXP Semiconductors NE5517D Datasheet HTML 5Page - NXP Semiconductors NE5517D Datasheet HTML 6Page - NXP Semiconductors NE5517D Datasheet HTML 7Page - NXP Semiconductors NE5517D Datasheet HTML 8Page - NXP Semiconductors NE5517D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Philips Semiconductor
Product data
NE5517/NE5517A/
AU5517
Dual operational transconductance amplifier
2002 Dec 06
3
CIRCUIT SCHEMATIC
V+
11
D4
Q6
Q7
2,15
D2
Q4
Q5
D3
–INPUT
4,13
+INPUT
3,14
AMP BIAS
INPUT
1,16
Q2
Q1
D1
V–
6
Q10
D6
Q11
VOUTPUT
5,12
Q9
Q8
D5
Q14
Q15
Q16
R1
D7
D8
Q3
7,10
Q12
Q13
8,9
SL00307
Figure 2. Circuit Schematic
CONNECTION DIAGRAM
NOTE:
1. V+ of output buffers and amplifiers are internally connected.
B
AMP
BIAS
INPUT
B
DIODE
BIAS
B
INPUT
(+)
B
INPUT
(–)
B
OUTPUT
V+ (1)
B
BUFFER
INPUT
B
BUFFER
OUTPUT
AMP
BIAS
INPUT
DIODE
BIAS
INPUT
(+)
INPUT
(–)
OUTPUT
V–
BUFFER
INPUT
BUFFER
OUTPUT
A
AA
A
A
A
A
123
45
6
7
8
16
15
14
13
12
11
10
9
+
B
+
A
SL00308
Figure 3. Connection Diagram


Similar Part No. - NE5517D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5517D PHILIPS-NE5517D Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517D ONSEMI-NE5517D Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
NE5517D ONSEMI-NE5517D Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
NE5517DG ONSEMI-NE5517DG Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
NE5517DG ONSEMI-NE5517DG Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
More results

Similar Description - NE5517D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com