Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5517D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE5517D
Description  Dual operational transconductance amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5517D Datasheet(HTML) 2 Page - NXP Semiconductors

  NE5517D Datasheet HTML 1Page - NXP Semiconductors NE5517D Datasheet HTML 2Page - NXP Semiconductors NE5517D Datasheet HTML 3Page - NXP Semiconductors NE5517D Datasheet HTML 4Page - NXP Semiconductors NE5517D Datasheet HTML 5Page - NXP Semiconductors NE5517D Datasheet HTML 6Page - NXP Semiconductors NE5517D Datasheet HTML 7Page - NXP Semiconductors NE5517D Datasheet HTML 8Page - NXP Semiconductors NE5517D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Philips Semiconductor
Product data
NE5517/NE5517A/
AU5517
Dual operational transconductance amplifier
2
2002 Dec 06
DESCRIPTION
The AU5517 and NE5517 contain two current-controlled
transconductance amplifiers, each with a differential input and
push-pull output. The AU5517/NE5517 offers significant design and
performance advantages over similar devices for all types of
programmable gain applications. Circuit performance is enhanced
through the use of linearizing diodes at the inputs which enable a
10 dB signal-to-noise improvement referenced to 0.5% THD. The
AU5517/NE5517 is suited for a wide variety of industrial and
consumer applications.
Constant impedance buffers on the chip allow general use of the
AU5517/NE5517. These buffers are made of Darlington transistors
and a biasing network that virtually eliminate the change of offset
voltage due to a burst in the bias current IABC, hence eliminating the
audible noise that could otherwise be heard in high quality audio
applications.
FEATURES
Constant impedance buffers
∆V
BE of buffer is constant with amplifier IBIAS change
Excellent matching between amplifiers
Linearizing diodes
High output signal-to-noise ratio
APPLICATIONS
Multiplexers
Timers
Electronic music synthesizers
Dolby™ HX Systems
Current-controlled amplifiers, filters
Current-controlled oscillators, impedances
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
IABCa
Da
+INa
–INa
VOa
V–
INBUFFERa
VOBUFFERa
IABCb
Db
+INb
–INb
VOb
V+
INBUFFERb
VOBUFFERb
N, D Packages
Top View
SL00306
Figure 1. Pin Configuration
PIN DESIGNATION
PIN NO.
SYMBOL
NAME AND FUNCTION
1
IABCa
Amplifier bias input A
2
Da
Diode bias A
3
+INa
Non-inverting input A
4
–INa
Inverting input A
5
VOa
Output A
6
V–
Negative supply
7
INBUFFERa
Buffer input A
8
VOBUFFERa
Buffer output A
9
VOBUFFERb
Buffer output B
10
INBUFFERb
Buffer input B
11
V+
Positive supply
12
VOb
Output B
13
–INb
Inverting input B
14
+INb
Non-inverting input B
15
Db
Diode bias B
16
IABCb
Amplifier bias input B
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE5517N
SOT38-4
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE5517AN
SOT38-4
16-Pin Small Outline (SO) Package
0 to +70
°C
NE5517D
SOT109-1
16-Pin Small Outline (SO) Package
–40 to +125
°C
AU5517D
SOT109-1
Dolby is a registered trademark of Dolby Laboratories Inc., San Francisco, Calif.


Similar Part No. - NE5517D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5517D PHILIPS-NE5517D Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517D ONSEMI-NE5517D Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
NE5517D ONSEMI-NE5517D Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
NE5517DG ONSEMI-NE5517DG Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
NE5517DG ONSEMI-NE5517DG Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
More results

Similar Description - NE5517D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com