Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V10PM12 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V10PM12
Description  Low forward voltage drop, low power losses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V10PM12 Datasheet(HTML) 2 Page - Vishay Siliconix

  V10PM12 Datasheet HTML 1Page - Vishay Siliconix V10PM12 Datasheet HTML 2Page - Vishay Siliconix V10PM12 Datasheet HTML 3Page - Vishay Siliconix V10PM12 Datasheet HTML 4Page - Vishay Siliconix V10PM12 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V10PM12
www.vishay.com
Vishay General Semiconductor
Revision: 14-Apr-15
2
Document Number: 89937
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 5 ms
Notes
(1) Free air mounted on recommended copper pad area; thermal resistance RJA - junction to ambient
(2) Mounted on 30 mm x 30 mm aluminum PCB; thermal resistance RJM - junction to mount
Note
(1) Automotive grade
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 5 A
TA = 25 °C
VF (1)
0.60
-
V
IF = 10 A
0.75
0.83
IF = 5 A
TA = 125 °C
0.53
-
IF = 10 A
0.63
0.71
Reverse current
VR = 90 V
TA = 25 °C
IR (2)
2.9
-
μA
TA = 125 °C
2.0
-
mA
VR = 120 V
TA = 25 °C
-
400
μA
TA = 125 °C
4.8
28
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V10PM12
UNIT
Typical thermal resistance
RJA (1)
62
°C/W
RJM (2)
4
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V10PM12-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
V10PM12-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
V10PM12HM3_A/H (1)
0.10
H
1500
7" diameter plastic tape and reel
V10PM12HM3_A/I (1)
0.10
I
6500
13" diameter plastic tape and reel


Similar Part No. - V10PM12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10PM12 VISHAY-V10PM12 Datasheet
114Kb / 5P
   High Current Density Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
V10PM12-M3 VISHAY-V10PM12-M3 Datasheet
97Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
V10PM12HM3 VISHAY-V10PM12HM3 Datasheet
97Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
V10PM12 VISHAY-V10PM12_15 Datasheet
91Kb / 5P
   High Current Density Surface Mountnull Trench MOS Barrier Schottky Rectifier
Revision: 14-Apr-15
V10PM12 VISHAY-V10PM12_V01 Datasheet
114Kb / 5P
   High Current Density Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - V10PM12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10P45S-M3 VISHAY-V10P45S-M3 Datasheet
90Kb / 5P
   Low forward voltage drop, low power losses
Revision: 28-Nov-13
V15P8-M3 VISHAY-V15P8-M3 Datasheet
97Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
V30DM120-M3 VISHAY-V30DM120-M3 Datasheet
103Kb / 5P
   Low forward voltage drop, low power losses
Revision: 09-Mar-15
V30120SG-E3 VISHAY-V30120SG-E3 Datasheet
156Kb / 6P
   Low forward voltage drop, low power losses
Revision: 10-May-16
VSB1045-E3 VISHAY-VSB1045-E3 Datasheet
80Kb / 4P
   Low forward voltage drop, low power losses
Revision: 22-Apr-14
V12P8-M3 VISHAY-V12P8-M3 Datasheet
95Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
V20PL60-M3 VISHAY-V20PL60-M3 Datasheet
82Kb / 5P
   Low forward voltage drop, low power losses
Revision: 15-May-14
V12PM12 VISHAY-V12PM12 Datasheet
100Kb / 5P
   Low forward voltage drop, low power losses
Revision: 14-Apr-15
V25PN60 VISHAY-V25PN60 Datasheet
89Kb / 5P
   Low forward voltage drop, low power losses
Revision: 27-Oct-14
V12P6-M3 VISHAY-V12P6-M3 Datasheet
96Kb / 5P
   Low forward voltage drop, low power losses
Revision: 05-May-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com