Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V10P8-M3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # V10P8-M3
Description  High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.44 V at IF = 5 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V10P8-M3 Datasheet(HTML) 1 Page - Vishay Siliconix

  V10P8-M3 Datasheet HTML 1Page - Vishay Siliconix V10P8-M3 Datasheet HTML 2Page - Vishay Siliconix V10P8-M3 Datasheet HTML 3Page - Vishay Siliconix V10P8-M3 Datasheet HTML 4Page - Vishay Siliconix V10P8-M3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
V10P8-M3, V10P8HM3
www.vishay.com
Vishay General Semiconductor
Revision: 05-May-15
1
Document Number: 87712
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount
Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.44 V at IF = 5 A
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code; base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For
use
in
low
voltage
high
frequency
inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
AEC-Q101 qualified
Base P/NHM3_X - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B,.....)
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Notes
(1) Mounted on 30 mm x 30 mm pad areas aluminum PCB
(2) Free air, mounted on recommended copper pad area
PRIMARY CHARACTERISTICS
IF(AV)
10 A
VRRM
80 V
IFSM
180 A
VF at IF = 10 A (TA = 125 °C)
0.56 V
TJ max.
150 °C
Package
TO-277A (SMPC)
Diode variation
Single die
K
2
1
TO-277A (SMPC)
TMBS® eSMP® Series
Anode 1
Anode 2
Cathode
K
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V10P8
UNIT
Device marking code
V108
Maximum repetitive peak reverse voltage
VRRM
80
V
Maximum average forward rectified current (fig. 1)
IF (1)
10
A
IF (2)
3.9
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
180
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Operating junction and storage temperature range
TJ, TSTG
-40 to +150
°C


Similar Part No. - V10P8-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10P8-M3/86A VISHAY-V10P8-M3/86A Datasheet
105Kb / 5P
   High Current Density Surface Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.44 V at IF = 5 A
Revision: 18-Dec-2019
V10P8-M3/87A VISHAY-V10P8-M3/87A Datasheet
105Kb / 5P
   High Current Density Surface Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.44 V at IF = 5 A
Revision: 18-Dec-2019
V10P8-M3 VISHAY-V10P8-M3_15 Datasheet
86Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 05-May-15
More results

Similar Description - V10P8-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V40PWM10C VISHAY-V40PWM10C Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
Revision: 01-Jun-17
V10P6-M3 VISHAY-V10P6-M3 Datasheet
95Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.35 V at IF = 5 A
Revision: 04-May-15
V40PW12C VISHAY-V40PW12C Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.49 V at IF = 5 A
Revision: 01-Jun-17
V35PWM10 VISHAY-V35PWM10 Datasheet
123Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.41 V at IF = 5 A
Revision: 01-Jun-17
V40PWM12C VISHAY-V40PWM12C Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 01-Jun-17
V35PW15 VISHAY-V35PW15 Datasheet
122Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 01-Jun-17
V35PW12 VISHAY-V35PW12 Datasheet
122Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.40 V at IF = 5 A
Revision: 01-Jun-17
V35PWM45 VISHAY-V35PWM45 Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.33 V at IF = 5 A
Revision: 01-Jun-17
V35PWM60 VISHAY-V35PWM60 Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.35 V at IF = 5 A
Revision: 01-Jun-17
V35PWM15 VISHAY-V35PWM15 Datasheet
121Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 01-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com