Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE70PD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SE70PD
Description  Ideal for automated placement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SE70PD Datasheet(HTML) 1 Page - Vishay Siliconix

  SE70PD Datasheet HTML 1Page - Vishay Siliconix SE70PD Datasheet HTML 2Page - Vishay Siliconix SE70PD Datasheet HTML 3Page - Vishay Siliconix SE70PD Datasheet HTML 4Page - Vishay Siliconix SE70PD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SE70PB, SE70PD, SE70PG, SE70PJ
www.vishay.com
Vishay General Semiconductor
Revision: 10-Jul-15
1
Document Number: 87955
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount ESD Capability Rectifiers
TYPICAL APPLICATIONS
General purpose, power line polarity protection in both
consumer and automotive applications.
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Oxid planar chip junction
• Low forward voltage drop
• ESD capability
• Meets MSL level 1, per J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant
and
AEC-Q101 qualified
Base P/NHM3_X - halogen-free, RoHS-compliant and
AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B,.....)
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Notes
(1) Mounted on 30 mm x 30 mm pad areas, 2 oz. FR4 PCB
(2) Free air, mounted on recommended copper pad area
PRIMARY CHARACTERISTICS
Package
TO-277A (SMPC)
IF(AV)
7.0 A
VRRM
100 V to 600 V
IFSM
120 A
IR
10 μA
VF at IF = 7.0 A, (125 °C)
0.87 V
TJ max.
175 °C
Diode variations
Single die
K
2
1
eSMP
® Series
TO-277A (SMPC)
Anode 1
Anode 2
Cathode
K
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SE70PB
SE70PD
SE70PG
SE70PJ
UNIT
Device marking code
70B
70D
70G
70J
Maximum repetitive peak reverse voltage
VRRM
100
200
400
600
V
Maximum DC forward current
IF (1)
7.0
A
IF (2)
2.9
Peak forward surge current 10 ms single half
sine-wave superimposed on rated load
IFSM
120
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
°C


Similar Part No. - SE70PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SE70PD VISHAY-SE70PD Datasheet
111Kb / 5P
   Surface-Mount ESD Capability Rectifiers
01-Jan-2022
More results

Similar Description - SE70PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSSAF3N50 VISHAY-VSSAF3N50 Datasheet
110Kb / 5P
   Ideal for automated placement
Revision: 24-Jul-14
SS12-M3 VISHAY-SS12-M3 Datasheet
96Kb / 4P
   Ideal for automated placement
Revision: 04-Aug-15
V8P8-M3 VISHAY-V8P8-M3 Datasheet
96Kb / 5P
   Ideal for automated placement
Revision: 04-May-15
V12P45-M3 VISHAY-V12P45-M3 Datasheet
95Kb / 5P
   Ideal for automated placement
Revision: 05-May-15
logo
Pan Jit International I...
SVM1560UB PANJIT-SVM1560UB Datasheet
175Kb / 5P
   Ideal for automated placement
logo
Vishay Siliconix
SE40PB VISHAY-SE40PB Datasheet
99Kb / 5P
   Ideal for automated placement
Revision: 10-Dec-14
SS3H9-M3 VISHAY-SS3H9-M3 Datasheet
91Kb / 4P
   Ideal for automated placement
Revision: 09-Dec-13
logo
Shanghai Leiditech Elec...
LMKAK10 LEIDITECH-LMKAK10 Datasheet
526Kb / 4P
   Ideal for automated placement
logo
Pan Jit International I...
SVC10120VB PANJIT-SVC10120VB Datasheet
149Kb / 5P
   Ideal for automated placement
logo
Bruckewell Technology L...
SD10PU80 BWTECH-SD10PU80 Datasheet
117Kb / 4P
   Ideal for automated placement
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com