Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2981 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2981
Description  Micropower 100 mA Ultra Low-Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2981 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP2981 Datasheet HTML 1Page - National Semiconductor (TI) LP2981 Datasheet HTML 2Page - National Semiconductor (TI) LP2981 Datasheet HTML 3Page - National Semiconductor (TI) LP2981 Datasheet HTML 4Page - National Semiconductor (TI) LP2981 Datasheet HTML 5Page - National Semiconductor (TI) LP2981 Datasheet HTML 6Page - National Semiconductor (TI) LP2981 Datasheet HTML 7Page - National Semiconductor (TI) LP2981 Datasheet HTML 8Page - National Semiconductor (TI) LP2981 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Connection Diagrams
Ordering Information
TABLE 1. Package Marking and Order Information
Output Voltage
(V)
Grade
Order Information
Package
Marking
Supplied as:
5-Lead Small Outline Package (M5)
2.5
A
LP2981AIM5X-2.5
L0CA
3000 Units on Tape and Reel
2.5
A
LP2981AIM5-2.5
L0CA
1000 Units on Tape and Reel
2.5
STD
LP2981IM5X-2.5
L0CB
3000 Units on Tape and Reel
2.5
STD
LP2981IM5-2.5
L0CB
1000 Units on Tape and Reel
2.7
A
LP2981AIM5X-2.7
L0DA
3000 Units on Tape and Reel
2.7
A
LP2981AIM5-2.7
L0DA
1000 Units on Tape and Reel
2.7
STD
LP2981IM5X-2.7
L0DB
3000 Units on Tape and Reel
2.7
STD
LP2981IM5-2.7
L0DB
1000 Units on Tape and Reel
2.8
A
LP2981AIM5X-2.8
L77A
3000 Units on Tape and Reel
2.8
A
LP2981AIM5-2.8
L77A
1000 Units on Tape and Reel
2.8
STD
LP2981IM5X-2.8
L77B
3000 Units on Tape and Reel
2.8
STD
LP2981IM5-2.8
L77B
1000 Units on Tape and Reel
2.9
A
LP2981AIM5X-2.9
L0VA
3000 Units on Tape and Reel
2.9
A
LP2981AIM5-2.9
L0VA
1000 Units on Tape and Reel
2.9
STD
LP2981IM5X-2.9
L0VB
3000 Units on Tape and Reel
2.9
STD
LP2981IM5-2.9
L0VB
1000 Units on Tape and Reel
3.0
A
LP2981AIM5X-3.0
L05A
3000 Units on Tape and Reel
3.0
A
LP2981AIM5-3.0
L05A
1000 Units on Tape and Reel
3.0
STD
LP2981IM5X-3.0
L05B
3000 Units on Tape and Reel
3.0
STD
LP2981IM5-3.0
L05B
1000 Units on Tape and Reel
3.1
A
LP2981AIM5X-3.1
L38A
3000 Units on Tape and Reel
3.1
A
LP2981AIM5-3.1
L38A
1000 Units on Tape and Reel
3.1
STD
LP2981IM5X-3.1
L38B
3000 Units on Tape and Reel
3.1
STD
LP2981IM5-3.1
L38B
1000 Units on Tape and Reel
3.2
A
LP2981AIM5X-3.2
L35A
3000 Units on Tape and Reel
3.2
A
LP2981AIM5-3.2
L35A
1000 Units on Tape and Reel
3.2
STD
LP2981IM5X-3.2
L35B
3000 Units on Tape and Reel
3.2
STD
LP2981IM5-3.2
L35B
1000 Units on Tape and Reel
3.3
A
LP2981AIM5X-3.3
L04A
3000 Units on Tape and Reel
3.3
A
LP2981AIM5-3.3
L04A
1000 Units on Tape and Reel
3.3
STD
LP2981IM5X-3.3
L04B
3000 Units on Tape and Reel
3.3
STD
LP2981IM5-3.3
L04B
1000 Units on Tape and Reel
5-Lead Small Outline Package (M5)
DS012506-2
Top View
See NS Package Number MF05A
For ordering information see
Table 1
micro SMD, 5 Bump Package (BPA05)
DS012506-50
Bottom View
See NS Package Number BPA05
www.national.com
2


Similar Part No. - LP2981

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981 TI-LP2981 Datasheet
194Kb / 12P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
267Kb / 15P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
394Kb / 16P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI1-LP2981 Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
781Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
More results

Similar Description - LP2981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP2981-N TI1-LP2981-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 100-mA Ultralow Dropout Regulator
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP2989 TI1-LP2989 Datasheet
1Mb / 34P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com