Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTB30N135IHR1WG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NGTB30N135IHR1WG
Description  Monolithic Free Wheeling Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB30N135IHR1WG Datasheet(HTML) 9 Page - ON Semiconductor

  NGTB30N135IHR1WG Datasheet HTML 1Page - ON Semiconductor NGTB30N135IHR1WG Datasheet HTML 2Page - ON Semiconductor NGTB30N135IHR1WG Datasheet HTML 3Page - ON Semiconductor NGTB30N135IHR1WG Datasheet HTML 4Page - ON Semiconductor NGTB30N135IHR1WG Datasheet HTML 5Page - ON Semiconductor NGTB30N135IHR1WG Datasheet HTML 6Page - ON Semiconductor NGTB30N135IHR1WG Datasheet HTML 7Page - ON Semiconductor NGTB30N135IHR1WG Datasheet HTML 8Page - ON Semiconductor NGTB30N135IHR1WG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NGTB30N135IHR1WG
www.onsemi.com
9
PACKAGE DIMENSIONS
TO−247
CASE 340AL
ISSUE A
E2
L1
D
L
b4
b2
b
E
0.25 M BA M
c
A1
A
12
3
B
e
2X
3X
0.635 M BA M
A
S
P
SEATING
PLANE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. SLOT REQUIRED, NOTCH MAY BE ROUNDED.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH.
MOLD FLASH SHALL NOT EXCEED 0.13 PER SIDE. THESE
DIMENSIONS ARE MEASURED AT THE OUTERMOST
EXTREME OF THE PLASTIC BODY.
5. LEAD FINISH IS UNCONTROLLED IN THE REGION DEFINED BY
L1.
6.
∅P SHALL HAVE A MAXIMUM DRAFT ANGLE OF 1.5° TO THE
TOP OF THE PART WITH A MAXIMUM DIAMETER OF 3.91.
7. DIMENSION A1 TO BE MEASURED IN THE REGION DEFINED
BY L1.
DIM
MIN
MAX
MILLIMETERS
D
20.30
21.40
E
15.50
16.25
A
4.70
5.30
b
1.00
1.40
b2
1.65
2.35
e
5.45 BSC
A1
2.20
2.60
c
0.40
0.80
L
19.80
20.80
Q
5.40
6.20
E2
4.32
5.49
L1
3.50
4.50
P
3.55
3.65
S
6.15 BSC
b4
2.60
3.40
NOTE 6
4
NOTE 7
Q
NOTE 4
NOTE 3
NOTE 5
E2/2
NOTE 4
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NGTB30N135IHR1/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NGTB30N135IHR1WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB30N135IHRWG ONSEMI-NGTB30N135IHRWG Datasheet
183Kb / 10P
   IGBT with Monolithic Free Wheeling Diode
August, 2013 ??Rev. 0
More results

Similar Description - NGTB30N135IHR1WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB15N135IHRWG ONSEMI-NGTB15N135IHRWG Datasheet
195Kb / 10P
   Monolithic Free Wheeling Diode
September, 2013 ??Rev. 0
NGTB20N135IHRWG ONSEMI-NGTB20N135IHRWG_17 Datasheet
141Kb / 10P
   Monolithic Free Wheeling Diode
March, 2017 ??Rev. 1
NGTB40N135IHRWG ONSEMI-NGTB40N135IHRWG Datasheet
183Kb / 10P
   Monolithic Free Wheeling Diode
January, 2014 ??Rev. 1
NGTB15N120IHRWG ONSEMI-NGTB15N120IHRWG Datasheet
176Kb / 10P
   Monolithic Free Wheeling Diode
September, 2013 ??Rev. 0
NGTB30N120IHRWG ONSEMI-NGTB30N120IHRWG Datasheet
182Kb / 10P
   IGBT with Monolithic Free Wheeling Diode
October, 2013 ??Rev. 1
NGTB20N120IHRWG ONSEMI-NGTB20N120IHRWG Datasheet
182Kb / 10P
   IGBT with Monolithic Free Wheeling Diode
August, 2013 ??Rev. 0
NGTB20N135IHRWG ONSEMI-NGTB20N135IHRWG Datasheet
178Kb / 10P
   IGBT with Monolithic Free Wheeling Diode
August, 2013 ??Rev. 0
NGTB40N120IHRWG ONSEMI-NGTB40N120IHRWG Datasheet
182Kb / 10P
   IGBT with Monolithic Free Wheeling Diode
January, 2014 ??Rev. 1
NGTB30N135IHRWG ONSEMI-NGTB30N135IHRWG Datasheet
183Kb / 10P
   IGBT with Monolithic Free Wheeling Diode
August, 2013 ??Rev. 0
logo
Littelfuse
MBR1060CTL LITTELFUSE-MBR1060CTL Datasheet
601Kb / 3P
   Free-wheeling diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com