Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTB15N60S1EG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NGTB15N60S1EG
Description  IGBT - Short-Circuit Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB15N60S1EG Datasheet(HTML) 1 Page - ON Semiconductor

  NGTB15N60S1EG Datasheet HTML 1Page - ON Semiconductor NGTB15N60S1EG Datasheet HTML 2Page - ON Semiconductor NGTB15N60S1EG Datasheet HTML 3Page - ON Semiconductor NGTB15N60S1EG Datasheet HTML 4Page - ON Semiconductor NGTB15N60S1EG Datasheet HTML 5Page - ON Semiconductor NGTB15N60S1EG Datasheet HTML 6Page - ON Semiconductor NGTB15N60S1EG Datasheet HTML 7Page - ON Semiconductor NGTB15N60S1EG Datasheet HTML 8Page - ON Semiconductor NGTB15N60S1EG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 6
1
Publication Order Number:
NGTB15N60S1E/D
NGTB15N60S1EG
IGBT - Short-Circuit Rated
This Insulated Gate Bipolar Transistor (IGBT) features a robust and
cost effective Non−Punch Through (NPT) Trench construction, and
provides superior performance in demanding switching applications.
Offering both low on state voltage and minimal switching loss, the
IGBT is well suited for motor drive control and other hard switching
applications. Incorporated into the device is a rugged co−packaged
reverse recovery diode with a low forward voltage.
Features
Low Saturation Voltage Resulting in Low Conduction Loss
Low Switching Loss in Higher Frequency Applications
Soft Fast Reverse Recovery Diode
5 ms Short Circuit Capability
Excellent Current versus Package Size Performance Density
This is a Pb−Free Device
Typical Applications
White Goods Appliance Motor Control
General Purpose Inverter
AC and DC Motor Control
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−emitter voltage
VCES
650
V
Collector current
@ TC = 25
°C
@ TC = 100
°C
IC
30
15
A
Pulsed collector current, Tpulse limited by
TJmax
ICM
120
A
Diode forward current
@ TC = 25
°C
@ TC = 100
°C
IF
30
15
A
Diode pulsed current, Tpulse limited by
TJmax
IFM
120
A
Gate−emitter voltage
VGE
$20
V
Power dissipation
@ TC = 25
°C
@ TC = 100
°C
PD
117
47
W
Short circuit withstand time
VGE = 15 V, VCE = 400 V, TJ v +150°C
tSC
5
ms
Operating junction temperature range
TJ
−55 to
+150
°C
Storage temperature range
Tstg
−55 to
+150
°C
Lead temperature for soldering, 1/8” from
case for 5 seconds
TSLD
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
TO−220
CASE 221A
STYLE 9
15 A, 650 V
VCEsat = 1.5 V
Device
Package
Shipping
ORDERING INFORMATION
NGTB15N60S1EG
TO−220
(Pb−Free)
50 Units / Rail
www.onsemi.com
MARKING DIAGRAM
G
E
C
15N60S1G
AYWW
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
G
C
E
C


Similar Part No. - NGTB15N60S1EG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB15N60S1EG ONSEMI-NGTB15N60S1EG Datasheet
179Kb / 10P
   IGBT - Short-Circuit Rated
August, 2012 ??Rev. 2
More results

Similar Description - NGTB15N60S1EG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH15N120RUF FAIRCHILD-SGH15N120RUF Datasheet
495Kb / 7P
   Short Circuit Rated IGBT
SGH30N60RUF FAIRCHILD-SGH30N60RUF Datasheet
565Kb / 7P
   Short Circuit Rated IGBT
SGL50N60RUF FAIRCHILD-SGL50N60RUF Datasheet
563Kb / 7P
   Short Circuit Rated IGBT
SGS5N60RUF FAIRCHILD-SGS5N60RUF Datasheet
555Kb / 7P
   Short Circuit Rated IGBT
SGW5N60RUFD FAIRCHILD-SGW5N60RUFD Datasheet
615Kb / 8P
   Short Circuit Rated IGBT
logo
ON Semiconductor
NGTG15N60S1EG ONSEMI-NGTG15N60S1EG_15 Datasheet
130Kb / 9P
   IGBT - Short-Circuit Rated
December, 2015 ??Rev. 5
NGTB15N60EG ONSEMI-NGTB15N60EG Datasheet
177Kb / 10P
   IGBT - Short-Circuit Rated
August, 2012 ??Rev. 6
logo
Fairchild Semiconductor
SGH10N60RUF FAIRCHILD-SGH10N60RUF Datasheet
543Kb / 7P
   Short Circuit Rated IGBT
SGH10N60RUFD FAIRCHILD-SGH10N60RUFD Datasheet
598Kb / 8P
   Short Circuit Rated IGBT
SGH30N60RUFD FAIRCHILD-SGH30N60RUFD Datasheet
653Kb / 8P
   Short Circuit Rated IGBT
SGL25N120RUFD FAIRCHILD-SGL25N120RUFD Datasheet
568Kb / 8P
   Short Circuit Rated IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com