Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5230ELT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBZ5230ELT3G
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ5230ELT3G Datasheet(HTML) 2 Page - ON Semiconductor

  MMBZ5230ELT3G Datasheet HTML 1Page - ON Semiconductor MMBZ5230ELT3G Datasheet HTML 2Page - ON Semiconductor MMBZ5230ELT3G Datasheet HTML 3Page - ON Semiconductor MMBZ5230ELT3G Datasheet HTML 4Page - ON Semiconductor MMBZ5230ELT3G Datasheet HTML 5Page - ON Semiconductor MMBZ5230ELT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBZ52xxELT1G Series, SZMMBZ52xxELT1G Series
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25°C
unless otherwise noted, VF = 0.95 V Max. @ IF = 10 mA)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
ELECTRICAL CHARACTERISTICS (Pinout: 1-Anode, 2-NC, 3-Cathode) (VF = 0.9 V Max @ IF = 10 mA for all types.)
Device*
Device
Marking
Zener Voltage (Note 4)
Zener Impedance
Leakage Current
VZ (V)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA
V
MMBZ5221ELT1/T3G
BE2
2.28
2.4
2.52
20
30
1200
0.25
100
1
MMBZ5226ELT1/T3G
BE7
3.13
3.3
3.47
20
28
1600
0.25
25
1
MMBZ5228ELT1/T3G
BE9
3.70
3.9
4.10
20
23
1900
0.25
10
1
MMBZ5229ELT1/T3G
BF1
4.08
4.3
4.52
20
22
2000
0.25
5
1
MMBZ5230ELT1/T3G
BF2
4.46
4.7
4.94
20
19
1900
0.25
5
2
MMBZ5231ELT1/T3G
BF3
4.84
5.1
5.36
20
17
1600
0.25
5
2
MMBZ5232ELT1/T3G
BF4
5.32
5.6
5.88
20
11
1600
0.25
5
3
MMBZ5234ELT1/T3G
BF6
5.89
6.2
6.51
20
7
1000
0.25
5
4
MMBZ5235ELT1/T3G
BF7
6.46
6.8
7.14
20
5
750
0.25
3
5
MMBZ5236ELT1/T3G
BF8
7.12
7.5
7.88
20
6
500
0.25
3
6
MMBZ5237ELT1/T3G
BF9
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MMBZ5239ELT1/T3G
BG2
8.65
9.1
9.55
20
10
600
0.25
3
7
MMBZ5240ELT1/T3G
BG3
9.50
10
10.50
20
17
600
0.25
3
8
MMBZ5242ELT1/T3G
BG5
11.40
12
12.60
20
30
600
0.25
1
9.1
MMBZ5243ELT1/T3G
BG6
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MMBZ5244ELT1/T3G
BG7
13.30
14
14.70
9
15
600
0.25
0.1
10
MMBZ5245ELT1/T3G
BG8
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MMBZ5246ELT1G†
BG9
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MMBZ5248ELT1/T1G
BH2
17.10
18
18.90
7
21
600
0.25
0.1
14
MMBZ5250ELT1/T3G
BH4
19.00
20
21.00
6.2
25
600
0.25
0.1
15
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.
*Includes SZ−prefix devices where applicable.
†MMBZ5246EL, MMBZ5252EL, and MMBZ5265EL Not Available in 10,000/Tape & Reel.


Similar Part No. - MMBZ5230ELT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5230ELT3G ONSEMI-MMBZ5230ELT3G Datasheet
166Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
More results

Similar Description - MMBZ5230ELT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com