Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTV121 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MTV121
Description  Super On-Screen-Display for LCD Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV121 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MTV121 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV121 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
MTV121 Revision 5.0 06/29/1999
MTV121
MYSON
TECHNOLOGY
The data transmission is permitted to change from format (a) to format (b) and (c), or from format (b) to format
(a), but not from format (c) back to format (a) and (b). The alternation between transmission formats is config-
ured as the state diagram shown in Figure 3.
3.2 Address bus administrator
The administrator manages bus address arbitration of internal registers or user fonts RAM during external
data write in. The external data write through serial data interface to registers must be synchronized by inter-
nal display timing. In addition, the administrator also provides automatic increment to address bus when exter-
nal write using format (c).
3.3 Vertical display control
The vertical display control can generates different vertical display sizes for most display standards in current
monitors. The vertical display size is calculated with the information of double character height bit(CHS), verti-
cal display height control register(CH6-CH0).The algorithm of repeating character line display are shown as
Table 2 and Table 3. The programmable vertical size range is 270 lines to maximum 2130 lines.
TABLE 1. The configuration of transmission formats.
Address
b7
b6
b5
b4
b3
b2
b1
b0
Format
Address Bytes
of Display Reg.
Row
1
0
0
x
R3
R2
R1
R0
a,b,c
Columnab
0
0
x
C4
C3
C2
C1
C0
a,b
Columnc
0
1
x
C4
C3
C2
C1
C0
c
Attribute Bytes
of Display Reg.
Row
1
0
1
x
R3
R2
R1
R0
a,b,c
Columnab
0
0
x
C4
C3
C2
C1
C0
a,b
Columnc
0
1
x
C4
C3
C2
C1
C0
c
Initiate
ROW
COL
c
COL
ab
DA
c
DA
ab
1, X
0,
1
0,
1
1, X
1, X
format (a)
format (b)
format (c)
X, X
0, X
Input = b7, b6
0, 0
FIGURE 3. Transmission State Diagram


Similar Part No. - MTV121

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MTV1-16PAL5701 ITT-MTV1-16PAL5701 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL5702 ITT-MTV1-16PAL5702 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL5703 ITT-MTV1-16PAL5703 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL5704 ITT-MTV1-16PAL5704 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL6101 ITT-MTV1-16PAL6101 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
More results

Similar Description - MTV121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
MTV118 ETC-MTV118 Datasheet
291Kb / 30P
   On-Screen-Display for LCD Monitor
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com