Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTV118 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MTV118
Description  On-Screen-Display for LCD Monitor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV118 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MTV118 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV118 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2/15
MTV118 Revision 2.0 01/01/1999
MTV118
MYSON
TECHNOLOGY
1.0 PIN CONNECTION
2.0 PIN DESCRIPTIONS
Name
I/O
Pin #
Descriptions
N16
N24
VSS
-
1
1
Ground. This ground pin is used for internal circuitry.
XIN
I
2
2
Pixel Clock Input. This is a clock input pin. MTV118 is driven by
an external pixel clock source for all the logics inside. The fre-
quency of XIN must be the integral time of pin HFLB.
NC
I
3
3
No connection.
VDD
-
4
4
Power supply. Positive 5 V DC supply for internal circuitry. A
0.1uF decoupling capacitor should be connected across VDD and
VSS.
HFLB
I
5
5
Horizontal Input. This pin is used to input the horizontal synchro-
nizing signal. It is a leading edge trigger and has an internal pull-
up resistor.
SSB
I
6
6
Serial Interface Enabler. It is used to enable the serial data and
is also used to select the operation of I2C or SPI bus. If this pin is
left floating, I2C bus is enabled, otherwise the SPI bus is enabled.
SDA
I
7
7
Serial Data Input. The external data transfers through this pin to
internal display registers and control registers. It has an internal
pull-up resistor.
SCK
I
8
8
Serial Clock Input. The clock-input pin is used to synchronize the
data transfer. It has an internal pull-up resistor.
PWM0
O
-
9
Open-Drain PWM D/A Converter 0. The output pulse width is
programmable by the register of row 15, column 19.
PWM1
O
-
10
Open-Drain PWM D/A Converter 1. The output pulse width is
programmable by the register of row 15, column 20.
PWM2
O
-
11
Open-Drain PWM D/A Converter 2. The output pulse width is
programmable by the register of row 15, column 21.
VSS
XIN
NC
VDD
HFLB
SSB
SDA
SCK
VSS
ROUT
GOUT
BOUT
FBKG
HTONE/PWMCK
VFLB
VDD
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
MTV118
VSS
XIN
NC
VDD
HFLB
SSB
SDA
SCK
PWM0
PWM1
PWM2
PWM3
VSS
ROUT
GOUT
BOUT
FBKG
HTONE/PWMCK
VFLB
VDD
PWM7
PWM6
PWM5
PWM4
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
MTV118N24


Similar Part No. - MTV118

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV112A ETC2-MTV112A Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV112AN-999 ETC2-MTV112AN-999 Datasheet
164Kb / 20P
   8051 Embedded CRT Monitor Controller MASK Version
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
More results

Similar Description - MTV118

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
   Super On-Screen-Display for LCD Monitor
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com