Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N60A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1N60A
Description  GOLD BONDED DIODES
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

1N60A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1N60A Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N60A Datasheet HTML 2Page - List of Unclassifed Manufacturers 1N60A Datasheet HTML 3Page - List of Unclassifed Manufacturers 1N60A Datasheet HTML 4Page - List of Unclassifed Manufacturers 1N60A Datasheet HTML 5Page - List of Unclassifed Manufacturers 1N60A Datasheet HTML 6Page - List of Unclassifed Manufacturers 1N60A Datasheet HTML 7Page - List of Unclassifed Manufacturers 1N60A Datasheet HTML 8Page - List of Unclassifed Manufacturers 1N60A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image


Similar Part No. - 1N60A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N60A MICROSEMI-1N60A Datasheet
57Kb / 1P
   Optimized for Radio Frequency Response
logo
Unisonic Technologies
1N60A UTC-1N60A Datasheet
139Kb / 8P
   0.5 Amps, 600 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A Datasheet
224Kb / 8P
   0.5 Amps, 600/650 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A Datasheet
218Kb / 8P
   0.5A, 600V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
1N60A ISC-1N60A Datasheet
67Kb / 2P
   Drain Current ID= 1.0A@ TC=25C
More results

Similar Description - 1N60A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N3666 ETC-1N3666 Datasheet
220Kb / 6P
   GOLD BONDED DIODES
AA144 ETC-AA144 Datasheet
71Kb / 2P
   GOLD BONDED DIODES
logo
New Jersey Semi-Conduct...
1N270 NJSEMI-1N270 Datasheet
125Kb / 1P
   GOLD BONDED DIODES
logo
List of Unclassifed Man...
1N4524 ETC1-1N4524 Datasheet
42Kb / 1P
   GOLD BONDED DIODES
1N3469 ETC-1N3469 Datasheet
133Kb / 4P
   GOLD BONDED DIODES
logo
New Jersey Semi-Conduct...
1N695A NJSEMI-1N695A Datasheet
90Kb / 1P
   GOLD BONDED DIODES
logo
List of Unclassifed Man...
1N949 ETC1-1N949 Datasheet
409Kb / 12P
   GOLD BONDED DIODES
logo
Microsemi Corporation
AA143 MICROSEMI-AA143 Datasheet
62Kb / 1P
   Gold Bonded Germanium Diodes
logo
List of Unclassifed Man...
AA132 ETC-AA132 Datasheet
32Kb / 1P
   GOLD BONDED GERMANIUM DIODES
logo
SUNMATE electronic Co.,...
1N270 SUNMATE-1N270 Datasheet
243Kb / 1P
   AXIAL LEADED GOLD BONDED DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com