Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT62L1024LS-70L Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # UT62L1024LS-70L
Description  128K X 8 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT62L1024LS-70L Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button UT62L1024LS-70L Datasheet HTML 4Page - List of Unclassifed Manufacturers UT62L1024LS-70L Datasheet HTML 5Page - List of Unclassifed Manufacturers UT62L1024LS-70L Datasheet HTML 6Page - List of Unclassifed Manufacturers UT62L1024LS-70L Datasheet HTML 7Page - List of Unclassifed Manufacturers UT62L1024LS-70L Datasheet HTML 8Page - List of Unclassifed Manufacturers UT62L1024LS-70L Datasheet HTML 9Page - List of Unclassifed Manufacturers UT62L1024LS-70L Datasheet HTML 10Page - List of Unclassifed Manufacturers UT62L1024LS-70L Datasheet HTML 11Page - List of Unclassifed Manufacturers UT62L1024LS-70L Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
UTRON
UT62L1024
Rev. 1.7
128K X 8 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80033
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
8
PACKAGE OUTLINE DIMENSION
32 pin 600 mil PDIP Package Outline Dimension
UNIT
SYMBOL
INCH(BASE)
MM(REF)
A1
0.010 (MIN)
0.254 (MIN)
A2
0.150 ± 0.005
3.810 ± 0.127
B
0.018 ± 0.005
0.457± 0.127
B1
0.050 ± 0.005
1.270± 0.127
c
0.010 ± 0.004
0.254± 0.102
D
1.650 ± 0.005 41.910 ± 0.127
E
0.600 ± 0.010 15.240 ± 0.254
E1
0.544 ± 0.004 13.818 ± 0.102
e
0.100 (TYP)
2.540 (TYP)
eB
0.640± 0.020 16.256 ± 0.508
L
0.130 ± 0.010
3.302 ± 0.254
S
0.075 ± 0.010
1.905 ± 0.254
Q1
0.070 ± 0.005
1.778 ± 0.127
Note:
1. D/E1/S DIMENSION DO NOT INCLUDE MOLD FLASH.
A
A


Similar Part No. - UT62L1024LS-70L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62L12816 ETC1-UT62L12816 Datasheet
206Kb / 12P
   128K x 16 BIT LOW POWER CMOS SRAM
UT62L12816BS-55LI ETC1-UT62L12816BS-55LI Datasheet
206Kb / 12P
   128K x 16 BIT LOW POWER CMOS SRAM
UT62L12816BS-55LLI ETC1-UT62L12816BS-55LLI Datasheet
206Kb / 12P
   128K x 16 BIT LOW POWER CMOS SRAM
UT62L12816BS-70LI ETC1-UT62L12816BS-70LI Datasheet
206Kb / 12P
   128K x 16 BIT LOW POWER CMOS SRAM
UT62L12816BS-70LLI ETC1-UT62L12816BS-70LLI Datasheet
206Kb / 12P
   128K x 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - UT62L1024LS-70L

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024 Datasheet
237Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024_12 Datasheet
446Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008 ALSC-AS6C1008 Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com