Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0201KF9BB Datasheet(PDF) 9 Page - YAGEO Corporation

Part # CC0201KF9BB
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0201KF9BB Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button CC0201KF9BB Datasheet HTML 5Page - YAGEO Corporation CC0201KF9BB Datasheet HTML 6Page - YAGEO Corporation CC0201KF9BB Datasheet HTML 7Page - YAGEO Corporation CC0201KF9BB Datasheet HTML 8Page - YAGEO Corporation CC0201KF9BB Datasheet HTML 9Page - YAGEO Corporation CC0201KF9BB Datasheet HTML 10Page - YAGEO Corporation CC0201KF9BB Datasheet HTML 11Page - YAGEO Corporation CC0201KF9BB Datasheet HTML 12Page - YAGEO Corporation CC0201KF9BB Datasheet HTML 13Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.yageo.com
May. 31, 2016 V.14
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
9
9
Product specification
X7R
DESCRIPTION
VALUE
Capacitance range
100 pF to 47 µF
Capacitance tolerance
± 5%, ± 10%, ± 20%
Dissipation factor (D.F.)
X7R
0201
0402
0603
0805
1206
1210
≤10V
100pF to 10nF 100pF to 100nF
100pF to 1uF 150pF to 2.2uF 220pF to 2.2uF
2.2nF to 2.2uF
≤5%
220nF to 470nF
2.2uF to 4.7uF
4.7uF to 10uF
4.7uF to 22uF
4.7uF to 47uF
≤10%
1uF
≤12.5%
16V
100pF to 1.2nF 100pF to 22nF 100pF to 220nF 150pF to 470nF
220pF to 1μF
2.2nF to 1μF
≤ 3.5%
1.5nF to 10nF 27nF to 100nF 470nF to 2.2uF 680 nF to 2.2μF
2.2uF
2.2uF to 10uF
≤ 5%
220nF
4.7uF to 10uF
4.7uF to 22uF
22uF
≤10%
25V
100pF to 470pF 100pF to 10nF 100pF to 39nF 150pF to 180nF 220pF to 680nF
2.2nF to 1μF
≤ 2.5%
12 nF to 47nF 47nF to 220nF 220nF to 470nF
1uF
≤ 3.5%
560pF to 10nF 56nF to 100nF
680nF to 1μF
2.2uF
2.2uF
≤ 5%
270nF to 1uF
2.2uF to 4.7uF
4.7uF to 22uF
4.7uF to 22uF
≤10%
50V
100pF to 1nF 100pF to 10nF 100pF to 39nF 150pF to 180nF 220pF to 470nF
2.2nF to 1μF
≤2.5%
12 nF to 47nF 47nF to 220nF 220nF to 470nF
680nF to 1μF
≤ 3.5%
680nF
≤ 5%
100nF
470nF to 1uF
1uF to 2.2uF
2.2uF to 4.7uF
2.2uF to 10uF
≤10%
Insulation resistance after 1 minute at Ur (DC)
Rins ≥ 10 GΩ or Rins × Cr ≥ 500(100) seconds whichever is less
Maximum capacitance change as a function of temperature
(temperature characteristic/coefficient):
± 15%
Operating temperature range:
–55 °C to +125 °C
NOTE
Capacitance tolerance ±5% is not available for full product range, please contact local sales force before ordering
Table 7
ELECTRICAL CHARACTERISTICS
X
X77R
R D
DIIE
EL
LE
EC
CT
TR
RIIC
C C
CA
AP
PA
AC
CIIT
TO
OR
RS
S;; N
NIIS
SN
N T
TE
ER
RM
MIIN
NA
AT
TIIO
ON
NS
S
Unless otherwise specified, all test and measurements shall be made under standard atmospheric conditions
for testing as given in 5.3 of IEC 60068-1:
-
Temperature: 15 °C to 35 °C
-
Relative humidity: 25% to 75%
-
Air pressure: 86 kPa to 106 kPa
Before the measurements are made, the capacitor shall be stored at the measuring temperature for a time
sufficient to allow the entire capacitor to reach this temperature.
The period as prescribed for recovery at the end of a test is normally sufficient for this purpose.


Similar Part No. - CC0201KF9BB

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0201KF9BN YAGEO-CC0201KF9BN Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC0201KF9BB

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com