Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YGV619 Datasheet(PDF) 8 Page - LSI Computer Systems

Part # YGV619
Description  Advanced Video Display Processor 6
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YGV619 Datasheet(HTML) 8 Page - LSI Computer Systems

Back Button YGV619 Datasheet HTML 4Page - LSI Computer Systems YGV619 Datasheet HTML 5Page - LSI Computer Systems YGV619 Datasheet HTML 6Page - LSI Computer Systems YGV619 Datasheet HTML 7Page - LSI Computer Systems YGV619 Datasheet HTML 8Page - LSI Computer Systems YGV619 Datasheet HTML 9Page - LSI Computer Systems YGV619 Datasheet HTML 10Page - LSI Computer Systems YGV619 Datasheet HTML 11Page - LSI Computer Systems YGV619 Datasheet HTML 12Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
YGV619
8
l DRO5-0, DGO5-0, DBO5-0 ((((O))))
Outputs digital image signal. The output data format can be set to 18 bit RGB, 16 bit YCbCr(ITU601) or ITU656(8bit)
by using R_YRT[1:0] and R_DOF[1:0].
16 bit YCbCr and image data for ITU656 are outputted as described below.
18bit RGB
16 bit YCbCr
ITU656(8bit)
DRO[5]
n.c.
α [6]
DRO[4]
n.c.
α [5]
DRO[3]
CO[7]
α [4]
DRO[2]
CO[6]
α [3]
DRO[1]
CO[5]
α [2]
DRO[0]
CO[4]
α [1]
DGO[5]
CO[3]
α [0]
DGO[4]
CO[2]
n.c.
DGO[3]
CO[1]
n.c.
DGO[2]
CO[0]
n.c.
DGO[1]
YO[7]
DO[7]
DGO[0]
YO[6]
DO[6]
DBO[5]
YO[5]
DO[5]
DBO[4]
YO[4]
DO[4]
DBO[3]
YO[3]
DO[3]
DBO[2]
YO[2]
DO[2]
DBO[1]
YO[1]
DO[1]
DBO[0]
YO[0]
DO[0]
n.c.: Stands for “no connection”.
l GCKOUT ((((O))))
Outputs clock for digital image signal output. The state of the digital image signal changes synchronizing with this
clock. Maximum frequency of the clock is 80 MHz


Similar Part No. - YGV619

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YGV610B ETC1-YGV610B Datasheet
417Kb / 7P
   COLOR PANEL DISPLAY CONTROLLER
YGV613 ETC-YGV613 Datasheet
877Kb / 14P
   NVDP NAVIGATION SYSTEM VDP
YGV617B ETC-YGV617B Datasheet
586Kb / 7P
   ADVANCED VIDEO DISPLAY PROCESSOR
YGV618 ETC-YGV618 Datasheet
769Kb / 12P
   ADVANVED VIDEO DISPLAY PROCESSOR 5
More results

Similar Description - YGV619

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YGV617B ETC-YGV617B Datasheet
586Kb / 7P
   ADVANCED VIDEO DISPLAY PROCESSOR
YGV606B ETC-YGV606B Datasheet
982Kb / 12P
   ADVANCED VIDEO DISPLAY PROCESSOR
logo
YAMAHA CORPORATION
YGV628B YAMAHA-YGV628B Datasheet
630Kb / 26P
   AVDP7 Advanced Video Display Processor 7
YGV627 YAMAHA-YGV627 Datasheet
318Kb / 16P
   AVDP3E - Advanced Video Display processor 3 Enhanced
logo
Silicon image
SII8200 SILICONIMAGE-SII8200 Datasheet
242Kb / 2P
   Advanced Video Processor
logo
Hynix Semiconductor
GDC21D701C HYNIX-GDC21D701C Datasheet
540Kb / 67P
   Video Display Processor
logo
List of Unclassifed Man...
YGV618 ETC-YGV618 Datasheet
769Kb / 12P
   ADVANVED VIDEO DISPLAY PROCESSOR 5
logo
Analog Devices
ADV7186 AD-ADV7186 Datasheet
70Kb / 2P
   Video Decoder and Display Processor
Rev. SpB
logo
List of Unclassifed Man...
SCN2674 ETC1-SCN2674 Datasheet
1Mb / 32P
   Advanced Video Display Controller (AVDC)
logo
Motorola, Inc
MC2674 MOTOROLA-MC2674 Datasheet
1Mb / 33P
   ADVANCED VIDEO DISPLAY CONTROLLER ( AVDC )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com