Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTD5R65F2SWK Datasheet(PDF) 1 Page - ON Semiconductor

Part # NGTD5R65F2SWK
Description  Fast Switching Rectifier Die
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTD5R65F2SWK Datasheet(HTML) 1 Page - ON Semiconductor

  NGTD5R65F2SWK Datasheet HTML 1Page - ON Semiconductor NGTD5R65F2SWK Datasheet HTML 2Page - ON Semiconductor NGTD5R65F2SWK Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2016
March, 2016 − Rev. 0
1
Publication Order Number:
NGTD5R65F2WP/D
NGTD5R65F2
Fast Switching Rectifier Die
Fast switching low Vf rectifier die for free−wheeling applications.
Features
Fast Switching
Low Vf
Typical Applications
Industrial Motor Control
Solar PV Inverters
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRRM
650
V
Max Forward Conduction Current
IF
(Note 1)
A
Maximum Junction Temperature
TJ
175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Depending on thermal properties of assembly.
MECHANICAL DATA
Parameter
Value
Unit
Die Size
2232 x 2232
mm2
Die Thickness
10
mils
Wafer Size
150
mm
Top Pad Size (Anode)
1786 x 1786
mm2
Top Metal (Anode)
4
mm AISi
Back Metal (Cathode)
2
mm TiNiAg
Max possible chips per wafer
2681
Passivation frontside
Oxide−Nitride
Reject ink dot size
25 mils
Recommended storage environment:
In original container, in dry nitrogen,
or temperature of 18−28
°C,
30−65%RH
Type: Bare
Wafer in Jar
Storage time:
< 36 months
Type: Die on
tape in
ring−pack
Storage time:
< 3 months
ORDERING INFORMATION
Device
Inking?
Shipping
NGTD5R65F2WP
Yes
Bare Wafer in Jar
NGTD5R65F2SWK
Yes
Sawn Wafer on Tape
www.onsemi.com
DIE OUTLINE
VRRM = 650 V
IF = Limited by TJ(max)
DIODE DIE


Similar Part No. - NGTD5R65F2SWK

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NGTD NIC-NGTD Datasheet
191Kb / 3P
   Surface Mount Gas Discharge Tube
logo
ON Semiconductor
NGTD13R120F2 ONSEMI-NGTD13R120F2 Datasheet
88Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD13R120F2SWK ONSEMI-NGTD13R120F2SWK Datasheet
88Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD13R120F2WP ONSEMI-NGTD13R120F2WP Datasheet
88Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD13T120F2 ONSEMI-NGTD13T120F2 Datasheet
92Kb / 3P
   IGBT Die
March, 2016 ??Rev. 0
More results

Similar Description - NGTD5R65F2SWK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTD8R65F2 ONSEMI-NGTD8R65F2 Datasheet
86Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD9R120F2 ONSEMI-NGTD9R120F2 Datasheet
85Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD15R65F2 ONSEMI-NGTD15R65F2 Datasheet
84Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD13R120F2 ONSEMI-NGTD13R120F2 Datasheet
88Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
NGTD17R120F2 ONSEMI-NGTD17R120F2 Datasheet
57Kb / 3P
   Fast Switching Rectifier Die
March, 2016 ??Rev. 0
logo
CHENG-YI ELECTRONIC CO....
FR101 CHENG-YI-FR101 Datasheet
114Kb / 2P
   FAST SWITCHING RECTIFIER
IN4933 CHENG-YI-IN4933 Datasheet
118Kb / 2P
   FAST SWITCHING RECTIFIER
FR301 CHENG-YI-FR301 Datasheet
119Kb / 2P
   FAST SWITCHING RECTIFIER
logo
Chenmko Enterprise Co. ...
SFR301PT CHENMKO-SFR301PT Datasheet
77Kb / 2P
   FAST SWITCHING RECTIFIER
logo
Digitron Semiconductors
1N5415 DIGITRON-1N5415 Datasheet
95Kb / 1P
   FAST SWITCHING RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com