Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTB75N65FL2WAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NGTB75N65FL2WAG
Description  IGBT - Field Stop II / 4 Lead
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB75N65FL2WAG Datasheet(HTML) 2 Page - ON Semiconductor

  NGTB75N65FL2WAG_16 Datasheet HTML 1Page - ON Semiconductor NGTB75N65FL2WAG_16 Datasheet HTML 2Page - ON Semiconductor NGTB75N65FL2WAG_16 Datasheet HTML 3Page - ON Semiconductor NGTB75N65FL2WAG_16 Datasheet HTML 4Page - ON Semiconductor NGTB75N65FL2WAG_16 Datasheet HTML 5Page - ON Semiconductor NGTB75N65FL2WAG_16 Datasheet HTML 6Page - ON Semiconductor NGTB75N65FL2WAG_16 Datasheet HTML 7Page - ON Semiconductor NGTB75N65FL2WAG_16 Datasheet HTML 8Page - ON Semiconductor NGTB75N65FL2WAG_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NGTB75N65FL2WAG
www.onsemi.com
2
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal resistance junction−to−case, for IGBT
RqJC
0.28
°C/W
Thermal resistance junction−to−case, for Diode
RqJC
0.62
°C/W
Thermal resistance junction−to−ambient
RqJA
40
°C/W
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
STATIC CHARACTERISTIC
Collector−emitter breakdown voltage,
gate−emitter short−circuited
VGE = 0 V, IC = 500 mA
V(BR)CES
650
V
Collector−emitter saturation voltage
VGE = 15 V, IC = 75 A
VGE = 15 V, IC = 75 A, TJ = 175°C
VCEsat
1.50
1.70
2.30
2.00
V
Gate−emitter threshold voltage
VGE = VCE, IC = 350 mA
VGE(th)
4.5
5.5
6.5
V
Collector−emitter cut−off current, gate−
emitter short−circuited
VGE = 0 V, VCE = 650 V
VGE = 0 V, VCE = 650 V, TJ = 175°C
ICES
7.0
0.3
mA
Gate leakage current, collector−emitter
short−circuited
VGE = 20 V , VCE = 0 V
IGES
200
nA
DYNAMIC CHARACTERISTIC
Input capacitance
VCE = 20 V, VGE = 0 V, f = 1 MHz
Cies
7200
pF
Output capacitance
Coes
300
Reverse transfer capacitance
Cres
200
Gate charge total
VCE = 480 V, IC = 75 A, VGE = 15 V
Qg
310
nC
Gate to emitter charge
Qge
60
Gate to collector charge
Qgc
160
SWITCHING CHARACTERISTIC, INDUCTIVE LOAD
Turn−on delay time
TJ = 25°C
VCC = 400 V, IC = 75 A
Rg = 10 W
VGE = 15 V
td(on)
23
ns
Rise time
tr
50
Turn−off delay time
td(off)
157
Fall time
tf
55
Turn−on switching loss
Eon
0.61
mJ
Turn−off switching loss
Eoff
1.2
Total switching loss
Ets
1.81
Turn−on delay time
TJ = 175°C
VCC = 400 V, IC = 75 A
Rg = 10 W
VGE = 15 V
td(on)
28
ns
Rise time
tr
50
Turn−off delay time
td(off)
172
Fall time
tf
90
Turn−on switching loss
Eon
0.85
mJ
Turn−off switching loss
Eoff
1.8
Total switching loss
Ets
2.65
DIODE CHARACTERISTIC
Forward voltage
VGE = 0 V, IF = 75 A
VGE = 0 V, IF = 75 A, TJ = 175°C
VF
1.50
2.30
2.50
2.90
V
Reverse recovery time
TJ = 25°C
IF = 75 A, VR = 200 V
diF/dt = 200 A/ms
trr
90
ns
Reverse recovery charge
Qrr
0.40
mC
Reverse recovery current
Irrm
7.0
A
Reverse recovery time
TJ = 175°C
IF = 75 A, VR = 200 V
diF/dt = 200 A/ms
trr
173
ns
Reverse recovery charge
Qrr
1.47
mC
Reverse recovery current
Irrm
13
A
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NGTB75N65FL2WAG_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB75N65FL2WG ONSEMI-NGTB75N65FL2WG Datasheet
246Kb / 11P
   IGBT
June, 2015 ??Rev. 4
NGTB75N65FL2WG ONSEMI-NGTB75N65FL2WG Datasheet
245Kb / 11P
   IGBT
September, 2016 ??Rev. 5
logo
Inchange Semiconductor ...
NGTB75N65FL2WG ISC-NGTB75N65FL2WG Datasheet
393Kb / 4P
   Field Stop and trench IGBT
logo
ON Semiconductor
NGTB75N65FL2WG ONSEMI-NGTB75N65FL2WG_16 Datasheet
245Kb / 11P
   IGBT
September, 2016 ??Rev. 5
More results

Similar Description - NGTB75N65FL2WAG_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB50N120FL2WAG ONSEMI-NGTB50N120FL2WAG Datasheet
162Kb / 10P
   IGBT - Field Stop II / 4 Lead
May, 2016 ??Rev. 0
NGTB40N120FL2WAG ONSEMI-NGTB40N120FL2WAG Datasheet
158Kb / 10P
   IGBT - Field Stop II / 4 Lead
May, 2016 ??Rev. 0
NGTB50N65FL2WAG ONSEMI-NGTB50N65FL2WAG Datasheet
163Kb / 10P
   IGBT - Field Stop II / 4 Lead
September, 2016 ??Rev. 1
NGTB25N120FL2WAG ONSEMI-NGTB25N120FL2WAG Datasheet
159Kb / 10P
   IGBT - Field Stop II / 4 Lead
May, 2016 ??Rev. 0
NGTB40N60FL2WG ONSEMI-NGTB40N60FL2WG_16 Datasheet
145Kb / 10P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG_16 Datasheet
242Kb / 11P
   IGBT - Field Stop II
December, 2016 ??Rev. 5
NGTB40N120FL2WG ONSEMI-NGTB40N120FL2WG Datasheet
151Kb / 10P
   IGBT - Field Stop II
April, 2015 ??Rev. 6
NGTG15N120FL2WG ONSEMI-NGTG15N120FL2WG Datasheet
230Kb / 10P
   IGBT - Field Stop II
May, 2014 ??Rev. 0
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG_16 Datasheet
217Kb / 11P
   IGBT - Field Stop II
September, 2016 ??Rev. 5
NGTB60N65FL2WG ONSEMI-NGTB60N65FL2WG Datasheet
109Kb / 8P
   IGBT - Field Stop II
October, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com