Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTB45N60S2WG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NGTB45N60S2WG
Description  IGBT - Inverter Welding
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB45N60S2WG Datasheet(HTML) 1 Page - ON Semiconductor

  NGTB45N60S2WG Datasheet HTML 1Page - ON Semiconductor NGTB45N60S2WG Datasheet HTML 2Page - ON Semiconductor NGTB45N60S2WG Datasheet HTML 3Page - ON Semiconductor NGTB45N60S2WG Datasheet HTML 4Page - ON Semiconductor NGTB45N60S2WG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
December, 2014 − Rev. 1
1
Publication Order Number:
NGTB45N60S2W/D
NGTB45N60S2WG
IGBT - Inverter Welding
This Insulated Gate Bipolar Transistor (IGBT) features a robust and
cost effective Trench construction, and provides superior performance
in demanding switching applications, offering both low on state
voltage and minimal switching loss. The IGBT is well suited for
welding applications. Incorporated into the device is a soft and fast
co−packaged free wheeling diode with a low forward voltage.
Features
Low Switching Loss Reduces System Power Dissipation
TJmax = 175°C
Soft, Fast Free Wheeling Diode
This is a Pb−Free Device
Typical Applications
Welding
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−emitter voltage
VCES
600
V
Collector current
@ TC = 25
°C
@ TC = 100
°C
IC
90
45
A
Pulsed collector current, Tpulse
limited by TJmax
ICM
180
A
Diode forward current
@ TC = 25
°C
@ TC = 100
°C
IF
90
45
A
Diode pulsed current, Tpulse limited
by TJmax
IFM
180
A
Gate−emitter voltage
Transient Gate Emitter Voltage
(tp = 5 ms, D < 0.010)
VGE
$20
$30
V
Power Dissipation
@ TC = 25
°C
@ TC = 100
°C
PD
300
150
W
Operating junction temperature
range
TJ
−55 to +175
°C
Storage temperature range
Tstg
−55 to +175
°C
Lead temperature for soldering, 1/8”
from case for 5 seconds
TSLD
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
TO−247
CASE 340AL
C
G
45 A, 600 V
VCEsat = 2.0 V
Eoff = 0.36 mJ
E
Device
Package
Shipping
ORDERING INFORMATION
NGTB45N60S2WG
TO−247
(Pb−Free)
30 Units / Rail
www.onsemi.com
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
45N60S2
AYWWG
G
E
C


Similar Part No. - NGTB45N60S2WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB45N60S1WG ONSEMI-NGTB45N60S1WG Datasheet
83Kb / 5P
   IGBT - Inverter Welding
December, 2014 ??Rev. 1
NGTB45N60SWG ONSEMI-NGTB45N60SWG Datasheet
142Kb / 10P
   IGBT
May, 2014 ??Rev. 0
More results

Similar Description - NGTB45N60S2WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB50N60S1WG ONSEMI-NGTB50N60S1WG Datasheet
90Kb / 5P
   IGBT - Inverter Welding
December, 2014 ??Rev. 1
NGTB40N120SWG ONSEMI-NGTB40N120SWG Datasheet
89Kb / 5P
   IGBT - Inverter Welding
November, 2014 ??Rev. 0
NGTB45N60S1WG ONSEMI-NGTB45N60S1WG Datasheet
83Kb / 5P
   IGBT - Inverter Welding
December, 2014 ??Rev. 1
NGTB50N65S1WG ONSEMI-NGTB50N65S1WG Datasheet
159Kb / 10P
   IGBT - Inverter Welding
May, 2016 ??Rev. P0
NGTB25N120SWG ONSEMI-NGTB25N120SWG Datasheet
90Kb / 5P
   IGBT - Inverter Welding
November, 2014 ??Rev. 0
logo
eupec GmbH
FZ1600R17KE3 EUPEC-FZ1600R17KE3 Datasheet
255Kb / 8P
   IGBT-inverter
FF200R33KF2C EUPEC-FF200R33KF2C Datasheet
291Kb / 8P
   IGBT-inverter
F4-50R12KS4 EUPEC-F4-50R12KS4 Datasheet
282Kb / 8P
   IGBT-inverter
F4-75R12KS4 EUPEC-F4-75R12KS4 Datasheet
282Kb / 8P
   IGBT-inverter
FP25R12KT3 EUPEC-FP25R12KT3 Datasheet
389Kb / 11P
   IGBT-inverter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com