Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R474W14700002K Datasheet(PDF) 1 Page - Kemet Corporation

Part # R474W14700002K
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R474W14700002K Datasheet(HTML) 1 Page - Kemet Corporation

  R474W14700002K Datasheet HTML 1Page - Kemet Corporation R474W14700002K Datasheet HTML 2Page - Kemet Corporation R474W14700002K Datasheet HTML 3Page - Kemet Corporation R474W14700002K Datasheet HTML 4Page - Kemet Corporation R474W14700002K Datasheet HTML 5Page - Kemet Corporation R474W14700002K Datasheet HTML 6Page - Kemet Corporation R474W14700002K Datasheet HTML 7Page - Kemet Corporation R474W14700002K Datasheet HTML 8Page - Kemet Corporation R474W14700002K Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3096_R47_X2_440 • 6/9/2016
1
One world. One KEMET
Benefits
• Approvals: ENEC, UL, cUL
• Class X2 (IEC 60384-14)
• Rated voltage: 440 VAC 50/60 Hz
• Capacitance range: 0.0047 – 2.2 µF
• Lead spacing: 10.0 – 37.5 mm
• Capacitance tolerance: ±20%, ±10%
• Climatic category: 40/110/56, IEC 60068–1
• Tape and reel in accordance with IEC 60286–2
• RoHS Compliant and lead-free terminations
• Operatingtemperaturerangeof−40˚Cto+110˚C
• 100% screening factory test at 2,200 VDC/1,500 VAC
• Self-healing properties
• Automotive (AEC–Q200) grades available up to
22.5 mm Lead Spacing
Overview
TheR47Seriesisconstructedofmetallizedpolypropylenefilm
encapsulated with self-extinguishing resin in a box of material
meeting the requirements of UL 94 V–0.
Automotive Grade devices are available (up to 22.5 mm Lead
Spacing) and meet the demanding Automotive Electronics
Council'sAEC–Q200qualificationrequirements.
Applications
For worldwide use in electromagnetic interference (EMI)
suppression in across-the-line applications requiring X2 safety
classification.Intendedforuseinsituationswherecapacitor
failure would not result in exposure to electric shock.
Metallized Polypropylene Film EMI Suppression Capacitors
R47 Series, Class X2, 440 VAC, 110ºC
(Automotive Grade)
Part Number System
R47
4
F
1470
00
01
M
Series
Rated Voltage (VAC) Lead Spacing (mm)
Capacitance Code
(pF)
Packaging
Internal Use
Capacitance
Tolerance
X2, Metallized
Polypropylene
4 = 440
F = 10.0
I = 15.0
N = 22.5
R = 27.5
W = 37.5
The last three digits
representsignificant
figures.Thefirst
digitspecifies
number of zeros to
be added.
See Ordering
Options Table
01
02
03
K = ±10%
M = ±20%
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - R474W14700002K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R474W210000A1K KEMET-R474W210000A1K Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474W210000A1M KEMET-R474W210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474W210000A2K KEMET-R474W210000A2K Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474W210000A2M KEMET-R474W210000A2M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474W210000A3K KEMET-R474W210000A3K Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results

Similar Description - R474W14700002K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com