Electronic Components Datasheet Search |
|
CM322522-4R7KL Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
CM322522-4R7KL Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 2 page 2.90 ± 0.2 (.114 ± .008) 3.20 ± 0.4 (.126 ± .016) 2.20 ± 0.2 (.087 ± .008) 0.60 +0.3/-0.0 (.024 +.012/-.000) 0.60 +0.3/-0.0 (.024 +.012/-.000) 2.50 ± 0.2 (.098 ± .008) 0.75 +0.2 (.030 +.008) 0.75 +0.2 (.030 +.008) 1.00 ± 0.2 (.039 ± .008) 1.9 ~ 2.4 (.075 ~ .094) 1.2 ~ 1.3 (.047 ~ .051) 1.6 ~ 2.0 (.063 ~ .079) 1.2 ~ 1.3 (.047 ~ .051) Features ■ High resistance to heat and humidity ■ Resistance to mechanical shock and pressure ■ Accurate dimensions for automatic surface mounting ■ Inductance range: 0.12 to 150 µH ■ RoHS compliant* Applications ■ Mobile phones ■ Cellular phones ■ CTV, VCR, HIC, FDD CM322522 Series - Chip Inductor *RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011. Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. Operating Temperature ................................-40 °C to +125 °C (Temperature rise included) Storage Temperature ................................-40 °C to +125 °C Resistance to Soldering Heat .............................. 245 °C, 5 seconds Temperature Rise ..........................20 °C Rated Current .... Inductance drops 10 % Electrical Specifications @25 °C Bourns Part No. Inductance Q Min. Test Frequency (MHz) SRF Min. (MHz) DCR Max. ( Ω) IDC (mA) µH Standard Tol. (%) Other Tol. (%) CM322522-R12ML 0.12 ± 20 N/A 30 25.2 500 0.22 450 CM322522-R15ML 0.15 ± 20 N/A 30 25.2 450 0.25 450 CM322522-R18ML 0.18 ± 20 N/A 30 25.2 400 0.28 450 CM322522-R22*L 0.22 ± 20 ± 10 30 25.2 350 0.32 450 CM322522-R27*L 0.27 ± 20 ± 10 30 25.2 320 0.36 450 CM322522-R33*L 0.33 ± 20 ± 10 30 25.2 300 0.4 450 CM322522-R39*L 0.39 ± 20 ± 10 30 25.2 250 0.45 450 CM322522-R47*L 0.47 ± 20 ± 10 30 25.2 220 0.5 450 CM322522-R56*L 0.56 ± 20 ± 10 30 25.2 180 0.55 450 CM322522-R68*L 0.68 ± 20 ± 10 30 25.2 160 0.6 450 CM322522-R82*L 0.82 ± 20 ± 10 30 25.2 140 0.65 450 CM322522-1R0*L 1 ± 10 ± 5 30 7.96 120 0.7 400 CM322522-1R2*L 1.2 ± 10 ± 5 30 7.96 100 0.75 390 CM322522-1R5*L 1.5 ± 10 ± 5 30 7.96 85 0.85 370 CM322522-1R8*L 1.8 ± 10 ± 5 30 7.96 80 0.9 350 CM322522-2R2*L 2.2 ± 10 ± 5 30 7.96 75 1 320 CM322522-2R7*L 2.7 ± 10 ± 5 30 7.96 70 1.1 290 CM322522-3R3*L 3.3 ± 10 ± 5 30 7.96 60 1.2 260 CM322522-3R9*L 3.9 ± 10 ± 5 30 7.96 55 1.3 250 CM322522-4R7*L 4.7 ± 10 ± 5 30 7.96 50 1.5 220 CM322522-5R6*L 5.6 ± 10 ± 5 30 7.96 45 1.6 200 CM322522-6R8*L 6.8 ± 10 ± 5 30 7.96 40 1.8 180 CM322522-8R2*L 8.2 ± 10 ± 5 30 7.96 35 2 170 CM322522-100*L 10 ± 10 ± 5 30 2.52 30 2.1 150 CM322522-120*L 12 ± 10 ± 5 30 2.52 20 2.5 140 CM322522-150*L 15 ± 10 ± 5 30 2.52 20 2.8 130 CM322522-180*L 18 ± 10 ± 5 30 2.52 20 3.3 120 CM322522-220*L 22 ± 10 ± 5 30 2.52 20 3.7 110 CM322522-270*L 27 ± 10 ± 5 30 2.52 20 5 80 CM322522-330*L 33 ± 10 ± 5 30 2.52 17 5.6 70 CM322522-390*L 39 ± 10 ± 5 30 2.52 16 6.4 65 CM322522-470*L 47 ± 10 ± 5 30 2.52 15 7 60 CM322522-560*L 56 ± 10 ± 5 30 2.52 13 8 55 CM322522-680*L 68 ± 10 ± 5 30 2.52 12 9 50 CM322522-820*L 82 ± 10 ± 5 30 2.52 11 10 45 CM322522-101*L 100 ± 10 ± 5 20 0.796 10 11 40 CM322522-121*L 120 ± 10 ± 5 20 0.796 10 11 70 CM322522-151*L 150 ± 10 ± 5 20 0.796 8 15 65 General Specifications Core..............................................Ferrite Wire ........................... Enamelled copper Enclosure............................. Epoxy resin Terminal Finish ...................................Sn Packaging...... 2,000 pcs. per 7-inch reel Materials Product Dimensions DIMENSIONS: MM (INCHES) Recommended Layout Schematic * Enter Standard or Other Tolerance Code: M = ±20 %, K = ±10 %, J = ±5 % |
Similar Part No. - CM322522-4R7KL |
|
Similar Description - CM322522-4R7KL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |