Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6412GNZ720 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320C6412GNZ720
Description  Signal Processor
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6412GNZ720 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320C6412GNZ720 Datasheet HTML 3Page - Texas Instruments TMS320C6412GNZ720 Datasheet HTML 4Page - Texas Instruments TMS320C6412GNZ720 Datasheet HTML 5Page - Texas Instruments TMS320C6412GNZ720 Datasheet HTML 6Page - Texas Instruments TMS320C6412GNZ720 Datasheet HTML 7Page - Texas Instruments TMS320C6412GNZ720 Datasheet HTML 8Page - Texas Instruments TMS320C6412GNZ720 Datasheet HTML 9Page - Texas Instruments TMS320C6412GNZ720 Datasheet HTML 10Page - Texas Instruments TMS320C6412GNZ720 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 159 page
background image
Revision History
7
April 2003 − Revised June 2004
SPRS219D
PAGE(s)
NO.
ADDS/CHANGES/DELETES
151
Management Data Input/Output (MDIO) Timing section:
Timing Requirements for MDIO Input table:
Changed the MIN value of parameter No. 5, th(MDCLKH-MDIO) from “10” ns to “0” ns
Deleted parameter No. 3, “tt(MDCLK), Transition time, MDCLK” and renumbered remaining parameters
Updated Figure 17−1, MDIO Input Timing
Switching Characteristics Over Recommended Operating Conditions for MDIO Output table:
Added the MIN value of “−10” ns to No. 7, td(MDCLKL-MDIO) parameter
Updated Figure 17−2, MDIO Output Timing
154
JTAG Test-Port Timing section:
Switching Characteristics Over Recommended Operating Conditions for JTAG Test Port table:
Changed MIN value of parameter #2, td(TCKL-TDOV) from “−3” to “0” ns
153
General-Purpose Input/Output (GPIO) Port Timing section:
Switching Characteristics Over Recommended Operating Conditions for GPIO Outputs table:
Changed MIN value of parameter #3 “tw(GPOH), Pulse duration, GPOx high” from “32P” to “20P” ns
Changed MIN value of parameter #4 “tw(GPOL), Pulse duration, GPOx low” from “32P” to “20P” ns
Added associated footnote
156
Mechanical Data section:
Thermal Resistance Characteristics (S-PBGA Package) [GDK] table:
Updated table numbering
158
Mechanical Data section:
Thermal Resistance Characteristics (S-PBGA Package) [GNZ] table:
Updated table numbering


Similar Part No. - TMS320C6412GNZ720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6412GNZ720 TI1-TMS320C6412GNZ720 Datasheet
1Mb / 163P
[Old version datasheet]   TMS320C6412 Fixed-Point Digital Signal Processor
TMS320C6412GNZ720 TI-TMS320C6412GNZ720 Datasheet
1Mb / 163P
[Old version datasheet]   TMS320C6412 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C6412GNZ720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP50C614 TI-MSP50C614 Datasheet
122Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
TMS320F28044 TI-TMS320F28044_07 Datasheet
889Kb / 107P
[Old version datasheet]   Digital Signal Processor
TMS320C32 TI-TMS320C32_06 Datasheet
654Kb / 45P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C44 TI-TMS320C44 Datasheet
629Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206 Datasheet
793Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC5421 TI-TMS320VC5421 Datasheet
1Mb / 88P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
KA22293-Q SAMSUNG-KA22293-Q Datasheet
205Kb / 8P
   AUDIO SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7416 STMICROELECTRONICS-TDA7416 Datasheet
560Kb / 27P
   CARRADIO SIGNAL PROCESSOR
logo
Texas Instruments
SMJ320C25 TI-SMJ320C25 Datasheet
582Kb / 36P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMJ320E14 TI-SMJ320E14 Datasheet
673Kb / 29P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com