Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ODXXM Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # ODXXM
Description  Mesh networking applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

ODXXM Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  ODXXM Datasheet HTML 1Page - Laird Tech Smart Technology ODXXM Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.4-5.85 GHZ VERTICALLY POLARIZED OMNIDIRECTIONAL ANTENNA
The Mesh Series™ omnidirectional antenna systems offered by Laird are designed with mesh networking in
mind. With their waterproof N male connector they can be easily mounted to an enclosure like the die-cast
enclosure (DCE-7x6x2) to give total wireless coverage. Various gains and frequencies are available. They are
constructed of UV resistant materials and are waterproof for a long service life.
FEATURES
• Mesh networking vertically polarized omni-directionals
• Various gains available: 5dBi to 12dBi
• Various frequencies available: 2.4GHz 3.5GHz,
4.9GHz, 5GHz, also tri-band model
• Type N male integrated connector
• Rugged, lightweight, and waterproof
Mesh SeriesTM
Omni Antennas
ODxxM
MODEL
FREQ. (MHz)
GAIN
VERT BW
WEIGHT
DIM (L x DIA)
OD24M-5
2400-2485
5dBi
25°
0.5 lbs (0.2 kg)
12 x 0.6 in (355 x 15 mm)
OD24M-7
2400-2485
7dBi
18°
0.6 lbs (0.3 kg)
21 x 0.6 in (540 x 15 mm)
OD24M-9
2400-2485
9dBi
14°
0.8 lbs (0.4 kg)
27 x 0.6 in (690 x 15 mm)
OD24M-12
2400-2485
12dBi
1.4 lbs (0.6 kg)
48 x 0.6 in (1220 x 15 mm)
OD35M-10
3400-3600
10dBi
14°
1.1 lbs (0.5 kg)
27 x 0.6 in (690 x 15 mm)
OD49M-6
4940-4990
6dBi
30°
1.5 oz (43 g)
7 x 0.5 in (175 x 13 mm)
OD49M-11
4940-4990
11dBi
1.1 lbs (0.5 kg)
31 x 0.6 in (787 x 15 mm)
OD5WM6
5150-5850
6dBi
8.5°
5 oz (0.14 kg)
19 x 0.6 in (483 x 15 mm)
OD58M-12
5400-5850
12dBi
0.65 lbs (0.5 kg)
27.5 x 0.6 in (700 x 15 mm)
PARAMETER
VSWR
1.5:1
Impedance
50 ohm
Input power
10W
Rate wind velocity
125 mph (56 m/sec)
Operating temperature
-40 - +70°C
MARKETS
• Mesh networking applications
• 2 to 6 GHz wireless applications
• Point to multi-point systems
• Base station antennas
• WiFi access points
• WiMax base stations
www.lairdtech.com
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com


Similar Description - ODXXM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
MGM111 SILABS-MGM111 Datasheet
5Mb / 85P
   MGM111 Mighty Gecko Mesh Networking Module
Rev. 1.1
logo
List of Unclassifed Man...
ETRX2 ETC2-ETRX2 Datasheet
606Kb / 2P
   ETRX2 ??(ZigBee Technology) Wireless Mesh Networking Module
logo
Silicon Laboratories
SLWSTK6000B SILABS-SLWSTK6000B Datasheet
2Mb / 34P
   EFR32MG12 2.4 GHz Mesh Networking Starter Kit
Rev. 1.02
SLWRB4300B SILABS-SLWRB4300B Datasheet
972Kb / 4P
   MGM111 Mighty Gecko Mesh Networking Module Data Short
logo
Cooper Bussmann, Inc.
915U-2 COOPER-915U-2 Datasheet
101Kb / 3P
   915U-2 Wireless Mesh Networking I/O and Gateway
logo
Pericom Semiconductor C...
PI49FCT3807D PERICOM-PI49FCT3807D Datasheet
448Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI49FCT20807 PERICOM-PI49FCT20807 Datasheet
163Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI49FCT20807 PERICOM-PI49FCT20807_14 Datasheet
326Kb / 6P
   1-10 Clock Buffer for Networking Applications
logo
QUARTZCOM the communica...
OCO-M20BH QUARTZCOM-OCO-M20BH Datasheet
114Kb / 1P
   Through hole OCXO Applications: CDMA, 3G, networking, instrumentation
logo
Allied Components Inter...
AT3973I ALLIED-AT3973I Datasheet
921Kb / 1P
   Ethernet based LAN, WAN and other networking applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com