Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C6M09 Datasheet(PDF) 2 Page - StarHope

Part # C6M09
Description  Gas Discharge Tube C6M Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

C6M09 Datasheet(HTML) 2 Page - StarHope

  C6M09 Datasheet HTML 1Page - StarHope C6M09 Datasheet HTML 2Page - StarHope C6M09 Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPSEMI
www.spsemi.cn
Page 2 of 3
Dimensions
Dimensions in millimeters
Electrical Characteristics
Initial Characteristics
Test Item
DC-Spark-Over Voltage
Vs
Insulation
Resistance
Capacitance C(pF)
Add and measure the DC Voltage gradually
Maxto get the discharge threshold voltage.
The measuring current is 1mA/1 second max.
1sec
.(1mA)
Measure the insulation resistance of two end of
leadwire under the specified DC voltage.
Electrostatic Capacitance under the test condition
of 1KHz,DC 6V(max).
Test Method
Specification
It depands on each spec.
100MΩ min.
0.8pF max.
Packaging Speci Cations
Packaging:100 pieces bulk
Φ60 2
±.
DC
Spark-over
Voltage
(@100V/s
(V)
Part Number
Impulse
Spark-over
Voltage
(@1KV/μs)
(V)
Nom.
Impulse
Discharge
Current
(@8/20μs)
(KA)
Nom.
Alternating
Discharge
Current
(@50HZ)
(A)
Capacitance
(pF)
Insulation
Resistance
(GΩ)
(@DC)
(V)
C6M07R
C6M09R
C6M15R
C6M23R
C6M35R
C6M47R
C6M60R
75
20
±%
90
20
±%
150
20
±%
230
20
±%
350
20
±%
470
20
±%
600
20
±%
≦600
≦600
≦650
≦650
≦700
≦750
≦950
52
×
52
×
52
×
52
×
52
×
52
×
52
×
10
10
10
10
10
10
10
>1
>1
>1
>1
>1
>1
>1
25
50
50
100
100
250
250
<1
<1
<1
<1
<1
<1
<1
With
Wire
Without
Wire
C6M07
C6M09
C6M15
C6M23
C6M35
C6M47
C6M60
GDT/C6M Series
80 2
±.
4.4 0 3
±.
4.4 0 3
±.
Φ.
08 0 1
±.
Nom.
Impulse
Discharge
Current
(@8/20μs)
(KA)
10
10
10
10
10
10
10
REV 2017 04 06
..
.


Similar Part No. - C6M09

ManufacturerPart #DatasheetDescription
logo
StarHope
C6M09 SPSEMI-C6M09 Datasheet
737Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
C6M09R SPSEMI-C6M09R Datasheet
737Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
More results

Similar Description - C6M09

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
   Gas Discharge Tube
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
   GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
   GAS DISCHARGE TUBE
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
   Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
   Gas Discharge Tube
BX201N BENCENT-BX201N Datasheet
147Kb / 3P
   Gas Discharge Tube
BZ201M BENCENT-BZ201M Datasheet
144Kb / 3P
   Gas Discharge Tube
BD351 BENCENT-BD351 Datasheet
240Kb / 3P
   Gas Discharge Tube
B8G3600L BENCENT-B8G3600L Datasheet
438Kb / 3P
   Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com