Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51-703-001 Datasheet(PDF) 8 Page - API Technologies Corp

Part # 51-703-001
Description  Low Pass EMI Filters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

51-703-001 Datasheet(HTML) 8 Page - API Technologies Corp

Back Button 51-703-001 Datasheet HTML 4Page - API Technologies Corp 51-703-001 Datasheet HTML 5Page - API Technologies Corp 51-703-001 Datasheet HTML 6Page - API Technologies Corp 51-703-001 Datasheet HTML 7Page - API Technologies Corp 51-703-001 Datasheet HTML 8Page - API Technologies Corp 51-703-001 Datasheet HTML 9Page - API Technologies Corp 51-703-001 Datasheet HTML 10Page - API Technologies Corp 51-703-001 Datasheet HTML 11Page - API Technologies Corp 51-703-001 Datasheet HTML 12Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Miniature Solder-in Filters
9900 Series
These filters are ideal for microwave applications such
as attenuators and oscillators, and perform well in high
impedance circuits where large capacitance values
are not practical.
Features
s
Miniature size to allow effective use of space
s
Standard capacitance values from 5pF to .033µF
s
Voltage ratings to 200 VDC/115 VAC 0–400 Hz
s
Hermetically sealed on one end allows for
through-hole sealing between compartments
s
High temperature construction meets MIL-F-28861
solderability and resistance to soldering
heat requirements
s
Available in MIL-C-11015 versions — see page CF10
s
Gold plating compatible with gold bonding techniques
Marking C Circuit
Color dot standard as follows:
q
101 Green –
100pF
q
501 Brown –
500pF
q
102 Purple –
1000pF
q
122 White
1200pF
C Circuit
.625 Ref.
(15.88)
.25
±.03
(6.35
±0.76)
.020
±.005
(0.51
±0.13)
.110
±.005
(2.79
±0.13)
Glass Seal (STD)
ø .030
(ø 0.76)
ø .128
±.005
(3.25
±0.13)
ø .156
±.005
(3.96
±0.13)
Figure 1
Glass Seal (Reverse)
Figure 1 (Reverse)*
L Circuit
.715 Ref.
(18.16)
C Circuit
.200
±.005
(5.08±0.13)
L Circuit
Dimensions in inches
(mm)
LP8
q
272 Red
2700pF
q
502 Blue
5000pF
q
153 Pink
– 15000pF
q
000 None
– 10pF max
q
103 2White –
.01µF
q
153 2White –
.015µF
q
273 2Red
– 27000pF
q
333 2Red
.033µF
Marking L Circuit
Color dot standard as follows:
q
100 Violet
10pF
q
250 Blue
25pF
q
102 White
1000pF
q
152 White
1500pF
q
502 Yellow –
5000pF


Similar Part No. - 51-703-001

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
51-707-006 APITECH-51-707-006 Datasheet
55Kb / 1P
   Pi SOLDER-IN FILTER
51-709-004 APITECH-51-709-004 Datasheet
39Kb / 1P
   Pi RESIN SEAL FILTER
More results

Similar Description - 51-703-001

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
   LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
   LOW PASS FILTERS
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
   Low Pass Filters
logo
Mini-Circuits
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
   LOW PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
   LOW PASS FILTERS
K5-LFCN MINI-K5-LFCN Datasheet
276Kb / 1P
   LOW PASS FILTERS
K1-LFCN MINI-K1-LFCN Datasheet
298Kb / 1P
   LOW PASS FILTERS
K1-LFCW MINI-K1-LFCW Datasheet
433Kb / 1P
   Low Pass Filters
REV. OR
K2-LFCN MINI-K2-LFCN Datasheet
319Kb / 1P
   LOW PASS FILTERS
K-LHP MINI-K-LHP Datasheet
282Kb / 1P
   LOW PASS & HIGH PASS FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com