Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51-749-304 Datasheet(PDF) 9 Page - API Technologies Corp

Part # 51-749-304
Description  Low Pass EMI Filters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

51-749-304 Datasheet(HTML) 9 Page - API Technologies Corp

Back Button 51-749-304 Datasheet HTML 5Page - API Technologies Corp 51-749-304 Datasheet HTML 6Page - API Technologies Corp 51-749-304 Datasheet HTML 7Page - API Technologies Corp 51-749-304 Datasheet HTML 8Page - API Technologies Corp 51-749-304 Datasheet HTML 9Page - API Technologies Corp 51-749-304 Datasheet HTML 10Page - API Technologies Corp 51-749-304 Datasheet HTML 11Page - API Technologies Corp 51-749-304 Datasheet HTML 12Page - API Technologies Corp 51-749-304 Datasheet HTML 13Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Minimum Insertion Loss (dB)
SCI-9900-153
SCI-9900-303
¦
SCI-9910-272
¦
SCI-9910-502
SCI-9900-000
¦
SCI-9920-101
¦
SCI-9920-501
¦
SCI-9920-122
50
50
100
100
200
200
200
200
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number*
* For reverse glass seal add an “R” to the end of the part number (SCI-9900-153R).
¦
Also available through API’s authorized distributors.
Parts are RoHS Compliant
Miniature Solder-in C Circuit
Figure
DC
AC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
1
MHz
1
1
1
1
1
1
1
1
115
115
115
5
5
5
5
5
5
5
5
0.015 µF
0.030 µF
2700 pF
5000 pF
4 pF max.
100 pF
500 pF
1200 pF
7
10
25
30
10
15
5
30
35
18
20
10
40
45
25
30
3
15
20
40
50
33
35
10
22
28
60
55
40
45
10
20
35
35
60
55
50
55
10
28
40
45
Minimum Insertion Loss (dB)
SCI-9980-100
SCI-9980-101
SCI-9980-102
SCI-9980-103
SCI-9980-122
SCI-9980-152
SCI-9980-153
SCI-9980-250
SCI-9980-272
SCI-9980-273
SCI-9980-333
SCI-9980-501
SCI-9980-502
200
200
200
200
200
200
200
200
200
50
200
200
200
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number*
* Reverse seal available. Add R at the end of the part number. (SCI-9980-102R).
Note: Hi-rel versions available. Add R after the first dash. (SCI-R9980-102).
Lt circuit part number series SCI-9981-XXX.
Parts are RoHS Compliant
Miniature Solder-in L Circuit
Figure
DC
100
MHz
1
GHz
10
GHz
1
MHz
1
1
1
1
1
1
1
1
1
1
1
1
1
10
10
10
10
10
10
10
10
10
10
10
10
10
10 pF
100 pF
1000 pF
.01 uF
1200 pF
1500 pF
.015 uF
25 pF
2700 pF
27,000 pF
.033 uF
500 pF
5000 pF
8
10
8
13
13
8
8
27
8
10
28
13
33
35
17
5
25
48
28
28
50
32
53
55
18
35
7
22
40
65
42
43
65
13
45
75
75
37
47
20
35
42
65
50
53
65
25
55
75
75
38
55
Miniature Solder-in Filters
9900 Series
LP9


Similar Part No. - 51-749-304

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
51-740 ATM-51-740 Datasheet
76Kb / 1P
   SHORT TERMINATION
logo
API Technologies Corp
51-744-002 APITECH-51-744-002 Datasheet
52Kb / 2P
   PI RESIN SEAL FILTER
logo
Advanced Technical Mate...
51-745 ATM-51-745 Datasheet
76Kb / 1P
   SHORT TERMINATION
More results

Similar Description - 51-749-304

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
   LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
   LOW PASS FILTERS
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
   Low Pass Filters
logo
Mini-Circuits
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
   LOW PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
   LOW PASS FILTERS
K5-LFCN MINI-K5-LFCN Datasheet
276Kb / 1P
   LOW PASS FILTERS
K1-LFCN MINI-K1-LFCN Datasheet
298Kb / 1P
   LOW PASS FILTERS
K1-LFCW MINI-K1-LFCW Datasheet
433Kb / 1P
   Low Pass Filters
REV. OR
K2-LFCN MINI-K2-LFCN Datasheet
319Kb / 1P
   LOW PASS FILTERS
K-LHP MINI-K-LHP Datasheet
282Kb / 1P
   LOW PASS & HIGH PASS FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com