Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51-750-309 Datasheet(PDF) 11 Page - API Technologies Corp

Part # 51-750-309
Description  Low Pass EMI Filters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

51-750-309 Datasheet(HTML) 11 Page - API Technologies Corp

Back Button 51-750-309 Datasheet HTML 7Page - API Technologies Corp 51-750-309 Datasheet HTML 8Page - API Technologies Corp 51-750-309 Datasheet HTML 9Page - API Technologies Corp 51-750-309 Datasheet HTML 10Page - API Technologies Corp 51-750-309 Datasheet HTML 11Page - API Technologies Corp 51-750-309 Datasheet HTML 12Page - API Technologies Corp 51-750-309 Datasheet HTML 13Page - API Technologies Corp 51-750-309 Datasheet HTML 14Page - API Technologies Corp 51-750-309 Datasheet HTML 15Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Minimum Insertion Loss (dB)
¦
SCI-9925-153
¦
SCI-9925-303
¦
SCI-9925-502
¦
SCI-9925-000
¦
SCI-9925-101
¦
SCI-9925-501
¦
SCI-9925-122
SCI-9925-272
This new knurled filter is designed to be pressed
into place and create a reliable mechanical bond. This
feature makes it an excellent selection for applications
where soldering is undesirable. Suitable plating is
available that allows gold bonding to the terminals.
Applications
These filters are ideal for microwave and RF applica-
tions such as attenuators, synthesizers, and oscillators.
They perform well in high impedance circuits where
large capacitance values are not practical.
Installation
s
.136" to .137" (3.45-3.48mm) diameter hole
s
Hole must be free of all insulating materials.
s
Installation tool must have a hole of sufficient depth
and diameter to accept the terminal of the filter.
s
Installation force must be applied gradually and
smoothly until the flange of the filter is seated against
the receiving part (request installation instructions).
Mechanical Specifications
Installation . . . . . . . . . . . . . Press-in
Plating . . . . . . . . . . . . . . . . Gold
Seal . . . . . . . . . . . . . . . . . . Glass sealed on one end,
. . . . . . . . . . . . . . . . . . . . . resin sealed on the other end
Termination Options . . . . . . Plating suitable for gold
. . . . . . . . . . . . . . . . . . . . . bonding
Operating Temperature . . . . -55°C to +125°C
50
50
100
200
200
200
200
200
Rated Voltage
125°C
I
Amp
Cap
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
Note: Parts are RoHS Compliant
Figure
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
1
MHz
1
1
1
1
1
1
1
1
5
5
5
5
5
5
5
5
0.015 µF +100%/-0%
0.030 µF +100%/-0%
5000 pF +100%/-0%
10 pF max.
100 pF +100%/-0%
500 pF +100%/-0%
1200 pF +100%/-0%
2700 pF +100%/-0%
7
10
25
30
15
5
10
30
35
20
10
18
40
45
30
3
15
20
25
40
50
35
10
22
28
33
60
55
45
10
20
35
35
40
60
55
55
10
28
40
45
50
Spec Mini-Press
9900 Series
Built and tested in accordance with MIL-F-15733.
.625
(15.88) ref.
.010
±
.002
(.254
±
.051)
.156
±
.005
dia.
(3.96
±
.127
dia.)
.143 ± .002
(3.63 ± .051)
.128 ± .005
dia.
(3.25 ± .127
dia.)
Glass Seal End
Straight Knurl,
160 D.P.
.110
±
.005
(2.79
±
.127)
.020
±
.005
(.508
±
.127)
.030
±
.002
dia.
(.762
±
.051
dia.)
Epoxy
Seal
Figure 1
.025
(0.635)
.250
±
.030
(6.35
±
.762)
Circuit Schematic
Output
Input
Ground
Dimensions in inches
(mm)
LP11
Insertion Tool
Part Number: SCI-9925-200


Similar Part No. - 51-750-309

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
51-707-006 APITECH-51-707-006 Datasheet
55Kb / 1P
   Pi SOLDER-IN FILTER
51-709-004 APITECH-51-709-004 Datasheet
39Kb / 1P
   Pi RESIN SEAL FILTER
logo
Advanced Technical Mate...
51-710 ATM-51-710 Datasheet
76Kb / 1P
   SHORT TERMINATION
logo
API Technologies Corp
51-712-001 APITECH-51-712-001 Datasheet
43Kb / 1P
   Pi RESIN SEAL FILTER
51-712-014 APITECH-51-712-014 Datasheet
49Kb / 1P
   FEED THRU RESIN SEAL FILTER
More results

Similar Description - 51-750-309

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
   LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
   LOW PASS FILTERS
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
   Low Pass Filters
logo
Mini-Circuits
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
   LOW PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
   LOW PASS FILTERS
K5-LFCN MINI-K5-LFCN Datasheet
276Kb / 1P
   LOW PASS FILTERS
K1-LFCN MINI-K1-LFCN Datasheet
298Kb / 1P
   LOW PASS FILTERS
K1-LFCW MINI-K1-LFCW Datasheet
433Kb / 1P
   Low Pass Filters
REV. OR
K2-LFCN MINI-K2-LFCN Datasheet
319Kb / 1P
   LOW PASS FILTERS
K-LHP MINI-K-LHP Datasheet
282Kb / 1P
   LOW PASS & HIGH PASS FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com