Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T85HFL Datasheet(PDF) 8 Page - Vishay Siliconix

Part # T85HFL
Description  Electrically isolated base plate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T85HFL Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button T85HFL Datasheet HTML 4Page - Vishay Siliconix T85HFL Datasheet HTML 5Page - Vishay Siliconix T85HFL Datasheet HTML 6Page - Vishay Siliconix T85HFL Datasheet HTML 7Page - Vishay Siliconix T85HFL Datasheet HTML 8Page - Vishay Siliconix T85HFL Datasheet HTML 9Page - Vishay Siliconix T85HFL Datasheet HTML 10Page - Vishay Siliconix T85HFL Datasheet HTML 11Page - Vishay Siliconix T85HFL Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
VS-T40HFL, VS-T70HFL, VS-T85HFL Series
www.vishay.com
Vishay Semiconductors
Revision: 20-Dec-16
8
Document Number: 93184
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 27 - Recovery Current Characteristics
Fig. 28 - Recovery Time Characteristics
Fig. 29 - Recovery Charge Characteristics
Fig. 30 - Recovery Current Characteristics
Fig. 31 - Recovery Time Characteristics
Fig. 32 - Recovery Charge Characteristics
10
15
20
25
30
35
40
45
10 20 30 40 50 60 70 80 90 100
100A
50A
200A
Ra te Of Fa ll Of Forwa rd Current - di/ d t (A/ µs)
I
= 300A
FM
T40HFL..S10
T70HFL..S10
T = 125 °C
J
0.6
0.7
0.8
0.9
1
1.1
1.2
0
0
1
0
1
100A
50A
200A
Ra te Of Fa ll Of Forwa rd Current - di/ dt (A/ µs)
T85HFL..S02
T = 125°C
I
= 300A
J
FM
5
10
15
20
25
10 20 30 40 50 60 70 80 90 100
200A
100A
50A
Ra te Of Fa ll Of Forward Current - di/ d t (A/ µs)
T85HFL..S02
T = 125 °C
I
= 300A
J
FM
6
8
10
12
14
16
18
20
22
24
26
28
10 20 30 40 50 60 70 80 90 100
200A
100A
50A
Ra te Of Fall Of Forwa rd Current - di/ d t (A/ µs)
T85HFL..S02
T = 125°C
I
= 300A
J
FM
0.8
0.9
1
1.1
1.2
1.3
0
0
1
0
1
100A
50A
200A
Ra te Of Fall Of Forward Current - di/ d t (A/ µs)
I
= 300A
T85HFL..S05
T = 125°C
FM
J
6
9
12
15
18
21
24
27
30
10 20 30 40 50 60 70 80 90 100
200A
Ra te Of Fall Of Forwa rd Current - di/ d t (A/ µs)
T85HFL..S05
T = 125°C
100A
50A
J
I
= 300A
FM


Similar Part No. - T85HFL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T85HFL VISHAY-T85HFL Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
T85HFL VISHAY-T85HFL Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
T85HFL VISHAY-T85HFL Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
T85HFL VISHAY-T85HFL Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
logo
International Rectifier
T85HFL100S02 IRF-T85HFL100S02 Datasheet
219Kb / 13P
   FAST RECOVERY DIODES
More results

Similar Description - T85HFL

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR2X060A150 GENESIC-MBR2X060A150 Datasheet
395Kb / 3P
   Electrically Isolated Base Plate
MBR2X080A120 GENESIC-MBR2X080A120 Datasheet
400Kb / 3P
   Electrically Isolated Base Plate
MBR2X120A180 GENESIC-MBR2X120A180 Datasheet
314Kb / 3P
   Electrically Isolated Base Plate
logo
Vishay Siliconix
VS-VSKS500 VISHAY-VS-VSKS500 Datasheet
157Kb / 8P
   Electrically isolated base plate
Revision: 19-Dec-13
logo
GeneSiC Semiconductor, ...
MBR2X080A080 GENESIC-MBR2X080A080 Datasheet
326Kb / 3P
   Electrically Isolated Base Plate
MBR2X100A045 GENESIC-MBR2X100A045 Datasheet
340Kb / 3P
   Electrically Isolated Base Plate
MBR2X060A180 GENESIC-MBR2X060A180 Datasheet
323Kb / 3P
   Electrically Isolated Base Plate
MBR2X080A100 GENESIC-MBR2X080A100 Datasheet
326Kb / 3P
   Electrically Isolated Base Plate
MBR2X080A150 GENESIC-MBR2X080A150 Datasheet
323Kb / 3P
   Electrically Isolated Base Plate
MUR2X100A04 GENESIC-MUR2X100A04 Datasheet
337Kb / 3P
   Electrically Isolated Base Plate
MUR2X100A10 GENESIC-MUR2X100A10 Datasheet
336Kb / 3P
   Electrically Isolated Base Plate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com