Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD106WS Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SD106WS
Description  Silicon Epitaxial Planar Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SD106WS Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SD106WS_13 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SD106WS_13 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SD106WS_13 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Silicon Epitaxial Planar Diode
SD106WS
B026
www.gmicroelec.com
Rev.A
1
FEATURES
Low turn-on voltage
Fast switching
This device is protected by a PN junction guard ring against
excessive voltage,such as electrostatic discharge
Ideal for precaution of MOS device ,steering ,biasing ,
and coupling diodes for fast switching and
low logic level application
Microminiature plastic package
SOD-323
APPLICATIONS
High speed switching
ORDERING INFORMATION
Type No.
Marking
Package Code
SD106WS
S21
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
VRM
30
V
Peak forward Current
IFM
200
mA
Forward surge current
@tp=10ms
IFSM
1
A
Power dissipation
Ptot
250
mW
Thermal resistance junction to ambient air
RθjA
500
/W
Junction temperature
Tj
150
Storage temperature
TSTG
-65 to +150
Pb
Lead-free


Similar Part No. - SD106WS_13

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SD106WS SECOS-SD106WS_15 Datasheet
122Kb / 2P
   Plastic-Encapsulate Fast Schottky Diode
logo
Galaxy Semi-Conductor H...
SD106WS BILIN-SD106WS_17 Datasheet
193Kb / 3P
   Silicon Epitaxial Planar Diode
More results

Similar Description - SD106WS_13

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com