Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE36A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1.5KE36A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1.5KE36A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  1.5KE36A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1.5KE36A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1.5KE36A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 1.5KE36A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MIN
MAX
1.5KE 6.8
6.12
7.48
10.0
1.5KE 6.8A
6.45
7.14
10.0
1.5KE 7.5
6.75
8.25
10.0
1.5KE 7.5A
7.13
7.88
10.0
1.5KE 8.2
7.38
9.02
10.0
1.5KE 8.2A
7.79
8.61
10.0
1.5KE 9.1
8.19
10.0
1.0
1.5KE 9.1A
8.65
9.55
1.0
1.5KE 10
9.0
11.0
1.0
1.5KE 10A
9.5
10.5
1.0
1.5KE 11
9.9
12.1
1.0
1.5KE 11A
10.5
11.6
1.0
1.5KE 12
10.8
13.2
1.0
1.5KE 12A
11.4
12.6
1.0
1.5KE 13
11.7
14.3
1.0
1.5KE 13A
12.4
13.7
1.0
1.5KE 15
13.5
16.5
1.0
1.5KE 15A
14.3
15.8
1.0
1.5KE 16
14.4
17.6
1.0
1.5KE 16A
15.2
16.8
1.0
1.5KE 18
16.2
19.8
1.0
1.5KE 18A
17.1
18.9
1.0
1.5KE 20
18.0
22.0
1.0
1.5KE 20A
19.0
21.0
1.0
1.5KE 22
19.8
24.2
1.0
1.5KE 22A
20.9
23.1
1.0
1.5KE 24
21.6
26.4
1.0
1.5KE 24A
22.8
25.2
1.0
1.5KE 27
24.3
29.7
1.0
1.5KE 27A
25.7
28.4
1.0
1.5KE 30
27.0
33.0
1.0
1.5KE 30A
28.5
31.5
1.0
1.5KE 33
29.7
36.3
1.0
1.5KE 33A
31.4
34.7
1.0
1.5KE 36
32.4
39.6
1.0
1.5KE 36A
34.2
37.8
1.0
1.5KE 39
35.1
42.9
1.0
1.5KE 39A
37.1
41.0
1.0
1.5KE 43
38.7
47.3
1.0
1.5KE 43A
40.9
45.2
1.0
1.5KE 47
42.3
51.7
1.0
1.5KE 47A
44.7
49.4
1.0
1.5KE 51
45.9
56.1
1.0
1.5KE 51A
48.5
53.6
1.0
1.5KE 56
50.4
61.8
1.0
1.5KE 56A
53.2
58.8
1.0
1.5KE 62
55.8
68.2
1.0
1.5KE 62A
58.9
65.1
1.0
1.5KE 68
61.2
74.8
1.0
1.5KE 68A
64.6
71.4
1.0
www.galaxycn.com
0.104
58.1
5.0
16.3
92
0.104
55.1
5.0
15.3
98
16.9
89
0.104
53.0
5.0
17.6
85
0.104
50.2
5.0
ELECTRICAL CHARACTERISTICS at(T
A=25℃ unless otherwise noted) TABLE 1
Device
Type
27.8
53.9
0.100
23.1
16.2
17.1
15.3
18.8
21.8
20.5
19.4
8.55
0.068
0.068
9.72
0.073
0.075
0.075
0.076
14.5
5.0
0.057
0.057
0.061
0.073
0.061
0.065
0.065
0.096
0.089
0.090
0.090
0.092
0.092
0.094
0.094
0.096
37.5
29.1
27.7
40.0
51.5
49.0
30.6
39.1
0.097
43.5
0.097
26.8
5.0
31.4
47.7
0.098
124
16.2
15.6
17.3
109
112
100
103
86.7
13.8
143
128
133
120
200
54.2
1000
500
500
200
5.0
59.5
68.2
96.2
5.0
5.0
50
50
10
10
9.40
5.80
6.05
6.40
6.63
7.02
8.92
7.37
7.78
8.10
10.5
11.7
11.3
12.5
10.8
5.50
1000
139
13.4
15.0
24.3
5.0
5.0
5.0
5.0
34.5
92.6
38.4
12.1
17.8
5.0
47.0
31.9
10.5
10.2
16.7
12.1
5.0
0.078
5.0
78.9
19.0
0.081
5.0
89.8
82.4
18.2
0.081
5.0
45.2
33.2
5.0
25.2
70.8
21.2
63.8
23.5
22.0
0.084
0.084
0.086
12.8
5.0
36.2
41.4
14.5
5.0
56.6
26.5
12.9
5.0
0.088
13.6
5.0
0.098
66.7
22.5
0.086
5.0
43.2
34.7
0.099
28.2
5.0
32.8
45.7
29.1
5.0
28.8
52.0
0.099
31.6
5.0
26.6
56.4
0.100
30.8
5.0
30.1
49.9
Breakdown Voltage
V(BR)
(V)(NOTE1)
Test
Current
at IT
(mA)
33.3
5.0
25.6
5.0
11.1
5.0
5.0
Stand-off
Voltage
VWM(V)
Maximum
Reverse
Leakge
at VWM
ID
(NOTE3)
(µA)
Maximum
Peak Pulse
IPPM(NOTE2)
(A)
Maximum
Clamping
Voltage at
IPPM VC(V)
Maximum
Temperature
Coefficient of
V(BR)(%/℃)
0.101
36.8
5.0
25.3
59.3
0.101
34.8
5.0
24.2
61.9
0.101
40.2
5.0
23.1
64.8
0.101
38.1
5.0
22.1
67.8
0.102
43.6
5.0
21.4
70.1
0.102
41.3
5.0
20.4
73.5
0.103
47.8
5.0
19.5
77.0
0.103
45.4
5.0
18.6
80.5
BLGALAXYELECTRICAL
Document Number 0285003
2.


Similar Part No. - 1.5KE36A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE36A TRSYS-1.5KE36A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
1.5KE36A STMICROELECTRONICS-1.5KE36A Datasheet
142Kb / 10P
   Transil
logo
Galaxy Semi-Conductor H...
1.5KE36A BILIN-1.5KE36A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1.5KE36A TSC-1.5KE36A Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE36A DIODES-1.5KE36A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results

Similar Description - 1.5KE36A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com