Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD5ZXX Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # ESD5ZXX
Description  Transient voltage suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ESD5ZXX Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  ESD5ZXX Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ESD5ZXX Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited ESD5ZXX Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Transient voltage suppressors
ESD5ZXX
H014
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
VRWM
(V)
IR(μA)
@VRWM
VBR(V)
@IT
IT
VC(V)
@IPP=5.0A
VC(V)
@Max.IPP
IPP(A) PPK(W) C(pF)
Device
Device
Marking
Max.
Max.
Min.
mA
Typ.
Max.
Max.
Max.
Typ.
ESD5Z2.5
ZD
2.5
6.0
4.0
1.0
6.5
10.9
11.0
120
145
ESD5Z3.3
ZE
3.3
0.05
5.0
1.0
8.4
14.1
11.2
158
105
ESD5Z5.0
ZF
5.0
0.05
6.2
1.0
11.6
18.6
9.4
174
80
ESD5Z6.0
ZG
6.0
0.01
6.8
1.0
12.4
20.5
8.8
181
70
ESD5Z7.0
ZH
7.0
0.01
7.5
1.0
13.5
22.7
8.8
200
65
ESD5Z12
ZM
12
0.01
14.1
1.0
17
25
9.6
240
55
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - ESD5ZXX

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
ESD5ZXX UMW-ESD5ZXX Datasheet
299Kb / 5P
   The ESD5Zxx Series is designed to protect voltage sensitive components from ESD and transient voltage events.
logo
Goodwork Semiconductor ...
ESD5ZXX GWSEMI-ESD5ZXX Datasheet
589Kb / 3P
   Transient Voltage Suppressors
ESD5ZXX-CAR GWSEMI-ESD5ZXX-CAR Datasheet
171Kb / 3P
   Transient Voltage Suppressors
More results

Similar Description - ESD5ZXX

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com