Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7412 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7412
Description  CARRADIO SIGNAL PROCESSOR
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7412 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7412 Datasheet HTML 2Page - STMicroelectronics TDA7412 Datasheet HTML 3Page - STMicroelectronics TDA7412 Datasheet HTML 4Page - STMicroelectronics TDA7412 Datasheet HTML 5Page - STMicroelectronics TDA7412 Datasheet HTML 6Page - STMicroelectronics TDA7412 Datasheet HTML 7Page - STMicroelectronics TDA7412 Datasheet HTML 8Page - STMicroelectronics TDA7412 Datasheet HTML 9Page - STMicroelectronics TDA7412 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
TDA7412
6/56
GMAX
Max. Gain
13
15
17
dB
AMAX
Max. Attenuation
-83
-79
-75
dB
ASTEP
Attennuation Step
0.5
1
1.5
dB
MULTIPLEXER OUTPUT 1
ROUT
Output Impedance
225
300
RL
Output Load Resistance
2
k
CL
Output Load Capacitance
10
nF
VDC
DC Voltage Level
4.3
4.5
4.7
V
LOUDNESS CONTROL
ASTEP
Step Resolution
0.5
1
1.5
dB
AMAX
Max. Attenuation
-21
-19
-17
dB
fPeak
Peak Frequency
fP1
180
200
220
Hz
fP2
360
400
440
Hz
fP3
540
600
660
Hz
fP4
720
800
880
Hz
VOLUME CONTROL
GMAX
Max. Gain
30
32
34
dB
AMAX
Max. Attenuation
-83
-79.5
-75
dB
ASTEP
Step Resolution
0
0.5
1
dB
EA
Attenuation Set Error
G = -20 to +20dB
-0.75
0
+0.75
dB
G = -80 to -20dB
-4
0
3
dB
ET
Tracking Error
2dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
3
mV
From 0dB to GMIN
0.5
5
mV
SOFT MUTE
AMUTE
Mute Attenuation
80
100
dB
TD
Delay Time
T1
0.48
1
ms
T2
0.96
2
ms
T3
70
123
170
ms
T4
200
324
600
ms
VTH low
Low Threshold for SM-Pin2
1V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (continued)


Similar Part No. - TDA7412

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7410ND STMICROELECTRONICS-TDA7410ND Datasheet
416Kb / 34P
   Signal processor for car radio applications
TDA7410NDTR STMICROELECTRONICS-TDA7410NDTR Datasheet
416Kb / 34P
   Signal processor for car radio applications
TDA7411 STMICROELECTRONICS-TDA7411 Datasheet
581Kb / 43P
   ADVANCED CAR SIGNAL PROCESSOR
TDA7415CB STMICROELECTRONICS-TDA7415CB Datasheet
1Mb / 50P
   Car radio multimedia signal processor
TDA7416 STMICROELECTRONICS-TDA7416 Datasheet
560Kb / 27P
   CARRADIO SIGNAL PROCESSOR
More results

Similar Description - TDA7412

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7416 STMICROELECTRONICS-TDA7416 Datasheet
560Kb / 27P
   CARRADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402 Datasheet
512Kb / 59P
   CARRADIO SIGNAL PROCESSOR
March 2000
TDA7404D STMICROELECTRONICS-TDA7404D Datasheet
379Kb / 26P
   CARRADIO-SIGNAL-PROCESSOR
TDA7409 STMICROELECTRONICS-TDA7409 Datasheet
296Kb / 25P
   CARRADIO-SIGNAL-PROCESSOR
TDA7405 STMICROELECTRONICS-TDA7405 Datasheet
815Kb / 56P
   EQUALIZER CARRADIO SIGNAL PROCESSOR
October 2001
TDA7405 STMICROELECTRONICS-TDA7405_04 Datasheet
696Kb / 57P
   EQUALIZER CARRADIO SIGNAL PROCESSOR
TDA7501 STMICROELECTRONICS-TDA7501 Datasheet
148Kb / 18P
   LINE-DRIVER FOR DIGITAL CARRADIO SIGNAL PROCESSOR
logo
Texas Instruments
TMS320C6412 TI-TMS320C6412 Datasheet
1Mb / 159P
[Old version datasheet]   Signal Processor
MSP50C614 TI-MSP50C614 Datasheet
122Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
TMS320F28044 TI-TMS320F28044_07 Datasheet
889Kb / 107P
[Old version datasheet]   Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com