Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV3004W Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BAV3004W
Description  Surface mount low leakage diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAV3004W Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BAV3004W Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAV3004W Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAV3004W Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface mount low leakage diode
BAV3004W
A022
www.gmicroelec.com
Rev.A
1
FEATURES
Low Leakage Current.
High Reverse Breakdown Voltage.
Fast Switching Speed.
Surface Mount Package Ideally Suited for
Automatic Insertion.
APPLICATIONS
SOD-123
Surface mount fast switching diode.
ORDERING INFORMATION
Type No.
Marking
Package Code
BAV3004W
4P
SOD-123
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
350
V
Working Peak Reverse Voltage
DC Reverse Voltage
VRWM
VR
300
V
RMS Reverse Voltage
VR(RMS)
212
V
Forward Continuous Current
IFM
225
mA
Repetitive Peak Forward Current
IFRM
625
mA
Non-Repetitive Peak Forward Surge Current
@t=1.0us
@t=1.0s
IFSM
4.0
1.0
A
Power Dissipation
Pd
400
mW
Thermal Resistance Junction to Ambient Air
RθJA
312
/W
Operating and Storage Temperature Rage
Tj,TSTG
-65 to +150
Pb
Lead-free


Similar Part No. - BAV3004W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV3004W DIODES-BAV3004W Datasheet
61Kb / 2P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 1 - 2
BAV3004W DIODES-BAV3004W Datasheet
83Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 9 - 2
BAV3004W DIODES-BAV3004W Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 11 - 2
logo
Pan Jit International I...
BAV3004W PANJIT-BAV3004W Datasheet
110Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Microdiode Electronics ...
BAV3004W CHENDA-BAV3004W Datasheet
379Kb / 3P
   Surface mount low leakage diode
More results

Similar Description - BAV3004W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116T DIODES-BAS116T_15 Datasheet
82Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAV116W DIODES-BAV116W_15 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAW156TQ DIODES-BAW156TQ Datasheet
354Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS20DW DIODES-BAS20DW_09 Datasheet
107Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116T DIODES-BAS116T_09 Datasheet
82Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 12 - 2 March 2009
BAV3004W DIODES-BAV3004W_08 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 11 - 2
BAV116W DIODES-BAV116W_08 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 11 - 2 June 2008
BAV3004WS DIODES-BAV3004WS_15 Datasheet
108Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116 DIODES-BAS116_15 Datasheet
83Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
logo
Galaxy Semi-Conductor H...
BAV3004W BILIN-BAV3004W_17 Datasheet
120Kb / 3P
   Surface mount low leakage diode
logo
Diodes Incorporated
BAV116WS DIODES-BAV116WS Datasheet
279Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com