Electronic Components Datasheet Search |
|
1.5KE20 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited |
|
1.5KE20 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited |
1 / 4 page GALAXY ELECTRICAL FEATURES Plastic package has underwriters laboratory flammability classification 94V-0 Glass passivated junction 1500W peak pulse power capability with a 10/1000μs waveform, repetition rate (duty cycle): 0.01% Excellent clamping capability Low incremental surge resistance Fast response time: typically less than 1.0ps from 0 Volts to V(BR) for uni-directional and 5.0ns for bi-directional types For devices with V(BR) 10V,ID are typically less than 5.0μA High temperature soldering guaranteed:265 / 10 seconds, 0.375"(9.5mm) lead length, 5 Ibs. (2.3kg) tension MECHANICAL DATA Case:JEDEC DO-201AE, molded plastic Polarity: color band denotes positive end ( cathode ) except for bidirectional Weight: 0.032 ounces, 0.9 grams Mounting position: any DEVICES FOR BIDIRECTIONAL APPLICATIONS For bi-directional use C or CA suffix for types 1.5KE 6.8 thru types 1.5KE 550 (e.g. 1.5KE 6.8CA, 1.5KE 550CA). Electrical characteristics apply in both directions. UNIT VALUE SYMBOL MAXIMUM RATINGS AND CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. 1.5KE6.8---1.5KE550CA TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE: 6.8 --- 550 V PEAK PULSE POWER: 1500 W DO-201AE Peak pow er dissipation w ith a 10/1000μs w aveform (NOTE 1, FIG.1) PPPM Minimum 1500 W Peak pulse current w ith a 10/1000μs w aveform (NOTE 1) IPPM SEE TABLE 1 A A V VF Peak forw ard surge current, 8.3ms single half ffffSine- wave superimposed on rated load (JEDEC Method) (NOTE 3) Steady state pow er dissipation at TL=75 fffffLead lengths 0.375"(9.5mm) (NOTE 2) PM(AV) 6 .5 W (4) VF=3.5 Volt max. for devices of V(BR) 200V, and VF=5.0 Volt max. for devices of V(BR) >200V Operating junction and storage temperature range TJ, TSTG -50---+175 (3) Measured of 8.3ms single half sine-w ave or equare w ave, duty cycle=4 pulses per minute maximum (2) Mounted on copper pad area of 1.6" x 1.6"(40 x40mm2) per Fig. 5 NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25 per Fig. 2 Maximum instantaneous forw ard voltage at 100.0A for unidirectional only (NOTE 4) IFSM 200.0 3.5/5.0 BLGALAXY ELECTRICAL Document Number 0285003 1. www.galaxycn.com BL Dimensions in millimeters |
Similar Part No. - 1.5KE20 |
|
Similar Description - 1.5KE20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |