Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03W008-000 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03W008-000
Description  Calibration Kit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03W008-000 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03W008-000 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03W008-000 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03W008-000 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
RPC-1.85
Calibration Kit
Full Version
08CK001-150
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 3
Documentation
This kit is delivered with
USB-Stick
Standard Definitions as data files for Vector Network Anaylzer Families PNA (Keysight/Agilent) and ZVA
(Rohde&Schwarz). Calibration Certificate as PDF-file.
Standard Definitions Cards
Printed Standard Definitions that can be used on nearly all Vector Network Analyzers.
Kit Info Card
Handling precautions and information for installing Standard Definitions on a Vector Network Analyzer.
Calibration Certificate
Details see “Declaration of calibration options”
Operating Manual
Electrical specifications
This specification covers electrical key values for the main calibration standards of the calibration kit.
Specific datasheets are available for each component among the part number.
Calibration standard
Frequency
Parameter
Specification
Opens
b
(plug and jack)
DC
> 4 GHz
> 40 GHz
to
to
to
≤ 4 GHz
≤ 40 GHz
≤ 70 GHz
Error from
Nominal Phase
≤ 2.0°
≤ 5.0°
≤ 8.0°
Shorts
b
(plug and jack)
DC
> 4 GHz
> 40 GHz
to
to
to
≤ 4 GHz
≤ 40 GHz
≤ 70 GHz
Error from
Nominal Phase
≤ 2.0°
≤ 5.0°
≤ 8.0°
Calibration loads
(plug and jack)
DC
> 4 GHz
> 40 GHz
to
to
to
≤ 4 GHz
≤ 40 GHz
≤ 70 GHz
Return Loss
≥ 35 dB
≥ 26 dB
≥ 22 dB
Calibration adaptors
(plug/plug and jack/jack)
DC
> 4 GHz
> 40 GHz
to
to
to
≤ 4 GHz
≤ 40 GHz
≤ 70 GHz
Return Loss
≥ 28 dB
≥ 20 dB
≥ 17 dB
b.
The specifications for opens and shorts are given as allowed deviation from nominal model as defined in calibration certificate
included with your kit.


Similar Part No. - 03W008-000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03W008-000 ROSENBERGER-03W008-000 Datasheet
780Kb / 3P
   Calibration Kit
03W008-000 ROSENBERGER-03W008-000 Datasheet
545Kb / 3P
   Calibration Kit
03W008-000 ROSENBERGER-03W008-000 Datasheet
979Kb / 3P
   Calibration Kit
03W008-000 ROSENBERGER-03W008-000 Datasheet
775Kb / 3P
   Calibration Kit
03W008-000 ROSENBERGER-03W008-000 Datasheet
546Kb / 3P
   Calibration Kit
More results

Similar Description - 03W008-000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
08CK010-150 ROSENBERGER-08CK010-150 Datasheet
545Kb / 3P
   Calibration Kit
119CK010-150 ROSENBERGER-119CK010-150 Datasheet
783Kb / 3P
   Calibration Kit
09CK010-150 ROSENBERGER-09CK010-150 Datasheet
546Kb / 3P
   Calibration Kit
64CK070-150 ROSENBERGER-64CK070-150 Datasheet
556Kb / 2P
   Calibration Kit
53K38R-MSON3 ROSENBERGER-53K38R-MSON3 Datasheet
541Kb / 3P
   Calibration Kit
60K34R-MSON3 ROSENBERGER-60K34R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
60S36R-MSON3 ROSENBERGER-60S36R-MSON3 Datasheet
819Kb / 3P
   Calibration Kit
05CK010-150 ROSENBERGER-05CK010-150 Datasheet
648Kb / 3P
   Calibration Kit
60K36R-MSON3 ROSENBERGER-60K36R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
60CK001-150 ROSENBERGER-60CK001-150 Datasheet
609Kb / 3P
   Calibration Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com