Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS32LT3173-GRLA3-TR Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS32LT3173-GRLA3-TR
Description  10-TO-200MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS32LT3173-GRLA3-TR Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS32LT3173-GRLA3-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS32LT3173-GRLA3-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS32LT3173-GRLA3-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS32LT3173-GRLA3-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS32LT3173-GRLA3-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS32LT3173-GRLA3-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS32LT3173-GRLA3-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS32LT3173-GRLA3-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS32LT3173-GRLA3-TR Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
IS32LT3172/73
Integrated Silicon Solution, Inc. – www.issi.com   
8 
Rev. A, 12/20/2016
 
0
50
100
150
200
250
300
Output Voltage (V)
02468
10
12
14
VEN = 5V
fPWM = 100Hz@1% Duty Cycle
TA = 25°C
REXT = 5.6Ω
REXT = 10Ω
REXT= 20Ω
REXT Open
REXT = 7.5Ω
Figure 8
IOUT vs. VOUT
VEN (V)
5
152535
42
0
20
40
60
80
VOUT = 2V
REXT = 20Ω
TA = -40°C
TA = 85°C
TA = 125°C
TA = 25°C
Figure 10
IOUT vs. VEN
VEN (V)
5
152535
42
0
25
50
75
100
125
150
175
200
VOUT = 2V
REXT = 7.5Ω
TA = -40°C
TA = 25°C
TA = 85°C
TA = 125°C
Figure 12
IOUT vs. VEN
VEN (V)
0
4
8
12
16
20
5
152535
42
VOUT = 2V
REXT Open
TA = -40°C
TA = 125°C
TA = 25°C
TA = 85°C
Figure 9
IOUT vs. VEN
VEN (V)
5
152535
42
0
30
60
90
120
150
VOUT = 2V
REXT = 10Ω
TA = 25°C
TA = -40°C
TA = 85°C
TA = 125°C
Figure 11
IOUT vs. VEN
0
50
100
150
200
250
300
VEN (V)
VOUT = 2V
REXT = 5.6Ω
2.5
3
3.5
4
4.5
5
TA = 125°C
TA = 85°C
TA = 25°C
TA = -40°C
Figure 13
IOUT vs. VEN


Similar Part No. - IS32LT3173-GRLA3-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS32LT3173 ISSI-IS32LT3173 Datasheet
459Kb / 19P
   10-TO-200MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
More results

Similar Description - IS32LT3173-GRLA3-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS32LT3172 ISSI-IS32LT3172 Datasheet
459Kb / 19P
   10-TO-200MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS31LT3172-GRLS4-TR ISSI-IS31LT3172-GRLS4-TR Datasheet
458Kb / 19P
   10-TO-200MA CONSTANT-CURRENT LED DRIVER
IS31LT3172 ISSI-IS31LT3172 Datasheet
458Kb / 19P
   10-TO-200MA CONSTANT-CURRENT LED DRIVER
IS32LT3170 ISSI-IS32LT3170 Datasheet
437Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3170-STLA3-TR ISSI-IS32LT3170-STLA3-TR Datasheet
442Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS31LT3170 ISSI-IS31LT3170 Datasheet
280Kb / 9P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com