Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31LT3350-V2STLS2-TR Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS31LT3350-V2STLS2-TR
Description  40V LED DRIVER WITH INTERNAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3350-V2STLS2-TR Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS31LT3350-V2STLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31LT3350-V2STLS2-TR Datasheet HTML 12Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IS31LT3350
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 10/18/2011
10
A value of 1μF will reduce nominal ripple current by a
factor three (approx.). Proportionally lower ripple can be
achieved with higher capacitor values. Note that the
capacitor will not affect operating frequency or efficiency,
but it will increase start-up delay, by reducing the rate of
rise of LED voltage.
Operation at low supply voltage
The internal regulator disables the drive to the switch until
the supply has risen above the startup threshold set
internally which makes power MOSFET on-resistance
small enough. Above this threshold, the chip will start to
operate. However, with the supply voltage below the
specified minimum value, the switch duty cycle will be
high and the chip power dissipation will be at a maximum.
Care should be taken to avoid operating the chip under
such conditions in the application, in order to minimize
the risk of exceeding the maximum allowed die
temperature. (See next section on thermal
considerations).
Note that when driving loads of two or more LEDs, the
forward drop will normally be sufficient to prevent the chip
from switching below approximately 6V. This will
minimize the risk of damage to the chip.
Thermal considerations
When operating the chip at high ambient temperatures,
or when driving maximum load current, care must be
taken to avoid exceeding the package power dissipation
limits. Two packages are available for different
application because of thermal consideration. SOT23-5 is
only available for 350mA current output application. The
SOT89-5 package’s thermal resistance is much lower so
that it can handle 700mA current and suitable for 700mA
application.
Note that the chip power dissipation will most often be a
maximum at minimum supply voltage. It will also increase
if the efficiency of the circuit is low. This may result from
the use of unsuitable coils, or excessive parasitic output
capacitance on the switch output.
Layout considerations
LX pin
The LX pin of the chip is a fast switching node, so PCB
traces should be kept as short as possible. To minimize
ground 'bounce', the ground pin of the chip should be
soldered directly to the ground plane.
Coil and decoupling capacitors
It is particularly important to mount the coil and the input
decoupling capacitor close to the chip to minimize
parasitic resistance and inductance, which will degrade
efficiency. It is also important to take account of any trace
resistance in series with current sense resistor RS.
ADJ pin
The ADJ pin is a high impedance input, so when left
floating, PCB traces to this pin should be as short as
possible to reduce noise pickup. ADJ pin can also be
connected to a voltage between 1.2V~5V. In this case,
the internal circuit will clamp the output current at the
value which is set by ADJ=1.2V.
High voltage traces
Avoid running any high voltage traces close to the ADJ
pin, to reduce the risk of leakage due to board
contamination. Any such leakage may raise the ADJ pin
voltage and cause excessive output current. A ground
ring placed around the ADJ pin will minimize changes in
output current under these conditions.
GND
ADJ
VIN
ISENSE LX
L1
D1
C1
IS31LT3350
LED
Cled
VIN
Rs


Similar Part No. - IS31LT3350-V2STLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
More results

Similar Description - IS31LT3350-V2STLS2-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
   40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075 Datasheet
174Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
   40V LED Driver with Internal Switch
April 20, 2016
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360 ISSI-IS31LT3360 Datasheet
381Kb / 11P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3 ISSI-IS31LT3360-SDLS3 Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-EBAIC ISSI-IS31LT3360-SDLS3-EBAIC Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com