Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMBD4448-E3-18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IMBD4448-E3-18
Description  Small Signal Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IMBD4448-E3-18 Datasheet(HTML) 2 Page - Vishay Siliconix

  IMBD4448-E3-18 Datasheet HTML 1Page - Vishay Siliconix IMBD4448-E3-18 Datasheet HTML 2Page - Vishay Siliconix IMBD4448-E3-18 Datasheet HTML 3Page - Vishay Siliconix IMBD4448-E3-18 Datasheet HTML 4Page - Vishay Siliconix IMBD4448-E3-18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IMBD4448
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 15-May-13
2
Document Number: 85732
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Layout For RthJA test
Thickness:
Fiberglass 1.5 mm (0.059 in.)
Copper leads 0.3 mm (0.012 in.)
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Forward Voltage
Fig. 2 - Dynamic Forward Resistance vs. Forward Current
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 5 mA
VF
0.62
0.72
V
IF = 100 mA
VF
1V
Leakage current
VR = 70 V
IR
2500
nA
VR = 70 V, Tj = 150 °C
IR
50
μA
VR = 25 V, Tj = 150 °C
IR
30
μA
Diode capacitance
VF = VR = 0 V
CD
4pF
Reverse recovery time
IF = 10 mA to iR = 1 mA,
VR = 6 V, RL = 100 
trr
4ns
17451
15 (0.59)
12 (0.47)
0.8 (0.03)
5 (0.2)
7.5 (0.3)
3 (0.12)
1 (0.4)
1 (0.4)
2 (0.8)
2 (0.8)
1.5 (0.06)
5.1 (0.2)
18689
1000
100
10
1
0.1
0.01
0
0.4 0.6 0.8
1 1.2 1.4 1.6 1.8 2
0.2
V - Forward Voltage ( V )
= 100
°C
Tj
25
°C
F
18662
1
10
100
1000
10000
110
0.1
0.01
100
IF - Forward Current (mA)
=25
°C
Tj
f=1kHz


Similar Part No. - IMBD4448-E3-18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMBD4448-E3-18 VISHAY-IMBD4448-E3-18 Datasheet
104Kb / 5P
   Small Signal Switching Diode
Rev. 1.8, 13-Feb-18
More results

Similar Description - IMBD4448-E3-18

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com