Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYD13MGP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYD13MGP
Description  Avalanche Glass Passivated Junction Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYD13MGP Datasheet(HTML) 3 Page - Vishay Siliconix

  BYD13MGP Datasheet HTML 1Page - Vishay Siliconix BYD13MGP Datasheet HTML 2Page - Vishay Siliconix BYD13MGP Datasheet HTML 3Page - Vishay Siliconix BYD13MGP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 88913
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 15-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BYD13DGP thru BYD13MGP
Vishay General Semiconductor
New Product
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Maximum Repetitive Peak Reverse Voltage, VRRM
Fig. 6 - Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.6
0.8
1.0
1.2
1.4
1.6
10
100
1
0.1
0.01
Instantaneous Forward Voltage (V)
BYD13DGP thru BYD13JGP
BYD13KGP thru BYD13MGP
T
J = 25 °C
Pulse Width = 300 μs
1 % Duty Cycle
0
20
40
60
80
100
0.01
0.001
0.1
1
10
Percent of Rated Peak Reverse Voltage (%)
T
J = 125 °C
T
J = 25 °C
T
J = 75 °C
BYD13DGP........200 V
BYD13GGP........400 V
BYD13JGP.........600 V
BYD13KGP.........800 V
BYD13MGP........1000 V
1
0.1
10
100
10
1
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
BYD13DGP thru BYD13JGP
BYD13KGP thru BYD13MGP
DO-204AL (DO-41)
0.107 (2.7)
0.080 (2.0)
DIA.
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)


Similar Part No. - BYD13MGP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD13M PHILIPS-BYD13M Datasheet
39Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
logo
EIC discrete Semiconduc...
BYD13M EIC-BYD13M Datasheet
46Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
BYD13M TAYCHIPST-BYD13M Datasheet
3Mb / 3P
   Controlled avalanche rectifiers
More results

Similar Description - BYD13MGP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYD33DGP VISHAY-BYD33DGP Datasheet
79Kb / 4P
   Avalanche Glass Passivated Junction Fast Switching Rectifier
Revision: 18-May-11
AGP15-400 VISHAY-AGP15-400_11 Datasheet
77Kb / 4P
   Glass Passivated Junction Plastic Controlled Avalanche Rectifier
Revision: 15-Mar-11
AGP15-400 VISHAY-AGP15-400_V01 Datasheet
78Kb / 4P
   Glass Passivated Junction Plastic Controlled Avalanche Rectifier
12-Mar-12
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com