Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV21W-E3-08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAV21W-E3-08
Description  Small Signal Switching Diodes, High Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV21W-E3-08 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAV21W-E3-08 Datasheet HTML 1Page - Vishay Siliconix BAV21W-E3-08 Datasheet HTML 2Page - Vishay Siliconix BAV21W-E3-08 Datasheet HTML 3Page - Vishay Siliconix BAV21W-E3-08 Datasheet HTML 4Page - Vishay Siliconix BAV21W-E3-08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAV19W, BAV20W, BAV21W
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 13-May-13
2
Document Number: 85725
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Forward Voltage
Fig. 2 - Admissible Forward Current vs. Ambient Temperature
Fig. 3 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 4 - Dynamic Forward Resistance vs. Forward Current
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA
VF
1V
IF = 200 mA
VF
1.25
V
Leakage current
VR = 100 V
BAV19W
IR
100
nA
VR = 100 V, Tj = 100 °C
BAV19W
IR
15
μA
VR = 150 V
BAV20W
IR
100
nA
VR = 150 V, Tj = 100 °C
BAV20W
IR
15
μA
VR = 200 V
BAV21W
IR
100
nA
VR = 200 V, Tj = 100 °C
BAV21W
IR
15
μA
Dynamic forward
resistance
IF = 10 mA
rf
5
Diode capacitace
VR = 0, f = 1 MHz
CD
1.5
pF
Reverse recovery time
IF = 30 mA, IR = 30 mA,
iR = 3 mA, RL = 100 
trr
50
ns
18858
1000
100
10
1
0.1
0.01
0
0.4
0.6
0.8
1
0.2
VF - Forward Voltage (V)
Tj = 100 °C
25 °C
0.1
0.2
0.3
0
0
30
60
90
120
150
18859
Tamb - Ambient Temperature (°C)
I
Current (rectif.) O
DC current IF
200
18860
Tamb - Ambient Temperature (°C)
500
400
300
200
100
40
80
120
160
0
0
10
100
1
1
100
10
18861
IF - Forward Current (mA)


Similar Part No. - BAV21W-E3-08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV21W-7-F DIODES-BAV21W-7-F Datasheet
83Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 16 - 2
BAV21W-7-F DIODES-BAV21W-7-F Datasheet
79Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 20- 2
BAV21W-7-F DIODES-BAV21W-7-F Datasheet
127Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
BAV21W-7-F DIODES-BAV21W-7-F Datasheet
127Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
BAV21W-7-F DIODES-BAV21W-7-F Datasheet
286Kb / 5P
   SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - BAV21W-E3-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 02-Aug-12
BAV19W-V VISHAY-BAV19W-V Datasheet
101Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.2, 22-Jul-05
BAV200 VISHAY-BAV200_12 Datasheet
177Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.7, 31-Jul-12
BAV19WS VISHAY-BAV19WS_17 Datasheet
87Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 2.2, 12-Jul-17
BAS19G VISHAY-BAS19G Datasheet
95Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-Feb-18
BAV19WG VISHAY-BAV19WG Datasheet
111Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.4, 22-Feb-18
BAV19W-G VISHAY-BAV19W-G Datasheet
100Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-May-13
BAV17 VISHAY-BAV17_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.8, 02-Aug-12
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.1, 26-Nov-10
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.9, 07-Mar-06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com