Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU5-103-1000 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # LU5-103-1000
Description  Cable assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

LU5-103-1000 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  LU5-103-1000 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG LU5-103-1000 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
Cable assembly
RPC-1.85 Plug / Plug – RTK 092-70 – T1 Armour
LU5-103-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances: ± 3mm for A ≤ 300 mm; ± 1% for A > 300 mm
Available variants
Type
max. Insertion loss at 70 GHz
Marking
Weight (g) / pce
LU5-103-XXX
≤ 0.00639 dB/mm * A mm + 0.90 dB
ROSENBERGER YYYY-WW
LU5-103-XXX
FAC-RRRRRRR
ssss
0.1641 g/mm * A mm + 29 g
XXX – length in mm = A
WW – week
YYYY – year
ssss – serial no.
FAC – Factory Code
RRRRRRR – lot nr.
Note:
max. Insertion Loss:
First constant = Cable attenuation in dB /mm; Second Constant = Connector left and Connector right +needed Adaptor
Weight:
First constant = Cable and armour weight per mm; Second Constant = Connector left and Connector right weight per pce
Assembly parts
Connector left
RPC-1.85 plug
08S128-2U5S3
Connector right
RPC-1.85 plug
08S128-2U5S3
Cable
RTK 092-70
Armour
T1 armour - outer diameter 9.3mm
(Polyurethane jacket over braid / stainless steel spiral)
Electrical data
Impedance
50
Frequency
DC to 70 GHz
Return loss
1
≥ 14 dB, DC to 70 GHz
Insertion loss
1
see table available variants
Individual testing and documentation:
Measurement plot with all 4 S-Parameters (S11; S22; S21; S12) is included with the cable assembly and on the
backside the care and handling instruction is printed. Measurement adaptors used are mentioned in the
commentary field.
1 Return Loss and Insertion Loss includes the measurement adaptor


Similar Part No. - LU5-103-1000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
LU5-103-300 ROSENBERGER-LU5-103-300 Datasheet
143Kb / 2P
   Cable assembly
LU5-103-500 ROSENBERGER-LU5-103-500 Datasheet
143Kb / 2P
   Cable assembly
LU5-103-750 ROSENBERGER-LU5-103-750 Datasheet
143Kb / 2P
   Cable assembly
More results

Similar Description - LU5-103-1000

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-310 MARL-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-440 MARL-CNX-440 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
JFW Industries, Inc.
016-850-XX JFW-016-850-XX Datasheet
26Kb / 1P
   CABLE ASSEMBLY
logo
Pasternack Enterprises,...
PE34319LF PASTERNACK-PE34319LF Datasheet
300Kb / 1P
   Cable ASSEMBLY
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-410 MARL-CNX-410_15 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
Rosenberger Hochfrequen...
LE3-006-160-NM ROSENBERGER-LE3-006-160-NM Datasheet
212Kb / 4P
   Cable assembly
LH1-053-80-NM ROSENBERGER-LH1-053-80-NM Datasheet
72Kb / 2P
   CABLE ASSEMBLY
LA2-020-3000 ROSENBERGER-LA2-020-3000 Datasheet
164Kb / 2P
   Cable assembly
LD5-216-XXXX-Y-Y ROSENBERGER-LD5-216-XXXX-Y-Y Datasheet
122Kb / 2P
   CABLE ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com