Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV20W-G3-08 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BAV20W-G3-08
Description  Small Signal Switching Diodes, High Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV20W-G3-08 Datasheet(HTML) 3 Page - Vishay Siliconix

  BAV20W-G3-08 Datasheet HTML 1Page - Vishay Siliconix BAV20W-G3-08 Datasheet HTML 2Page - Vishay Siliconix BAV20W-G3-08 Datasheet HTML 3Page - Vishay Siliconix BAV20W-G3-08 Datasheet HTML 4Page - Vishay Siliconix BAV20W-G3-08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAV19W-G, BAV20W-G, BAV21W-G
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 13-May-13
3
Document Number: 85188
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Leakage Current vs. Junction Temperature
Fig. 6 - Diodes Capacitance vs. Reverse Voltage
Fig. 7 - Non-Repetitive Peak Forward Current vs. Pulse Duration
Maximum Admissible Values of Square Pulses
0.1
18862-1
1
10
100
1000
0
40
80
120
160
200
Tj - Junction Temperature (°C)
Reverse Voltage
BAV19W-G VR = 100 V
BAV20W-G VR = 150 V
BAV21W-G VR = 200 V
21942
0.8
0.6
0.4
1.4
1.2
1.0
0.2
0
VR - Reverse Voltage (V)
2.0
1.8
1.6
0
5
10
15
20
25
30
35
1
10
100
0.1
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
 
   
tp - Test Pulse (s)
T
J = 25 °C - Prior to Surge


Similar Part No. - BAV20W-G3-08

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAV20W-G TSC-BAV20W-G Datasheet
138Kb / 2P
   High Voltage Fast Switching Diode
BAV20W-G TSC-BAV20W-G Datasheet
206Kb / 5P
   High Voltage Fast Switching Diode
logo
Vishay Siliconix
BAV20W-G VISHAY-BAV20W-G Datasheet
111Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.4, 22-Feb-18
BAV20W-G VISHAY-BAV20W-G Datasheet
93Kb / 4P
   Small Signal Switching Diodes, High Voltage
22-Feb-18
More results

Similar Description - BAV20W-G3-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 02-Aug-12
BAV19W-V VISHAY-BAV19W-V Datasheet
101Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.2, 22-Jul-05
BAV200 VISHAY-BAV200_12 Datasheet
177Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.7, 31-Jul-12
BAV19WS VISHAY-BAV19WS_17 Datasheet
87Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 2.2, 12-Jul-17
BAS19G VISHAY-BAS19G Datasheet
95Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-Feb-18
BAV19WG VISHAY-BAV19WG Datasheet
111Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.4, 22-Feb-18
BAV19W VISHAY-BAV19W Datasheet
99Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 13-May-13
BAV17 VISHAY-BAV17_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.8, 02-Aug-12
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.1, 26-Nov-10
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.9, 07-Mar-06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com