Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS19-G Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS19-G
Description  Small Signal Switching Diodes, High Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS19-G Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS19-G Datasheet HTML 1Page - Vishay Siliconix BAS19-G Datasheet HTML 2Page - Vishay Siliconix BAS19-G Datasheet HTML 3Page - Vishay Siliconix BAS19-G Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS19-G, BAS20-G, BAS21-G
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 15-May-13
1
Document Number: 83390
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Switching Diodes, High Voltage
MECHANICAL DATA
Case: SOT-23
Weight: approx. 8.1 mg
Packaging codes/options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box
FEATURES
• Silicon epitaxial planar diode
• Fast switching diode in case SOT-23, especially
suited for automatic insertion
• General purpose switching applications
• High conductance
• AEC-Q101 qualified
• Base P/N-G3 - green, commercial grade
• Material categorization:
For
definitions
of
compliance
please
see
www.vishay.com/doc?99912
Notes
(1) Measured under pulse conditions; pulse time = tp  0.3 ms
(2) Device on fiberglass substrate, see layout on next page
12
3
PARTS TABLE
PART
TYPE
DIFFERENTIATION
ORDERING CODE
TYPE MARKING
INTERNAL CONSTRUCTION
REMARKS
BAS19-G
VR = 100 V
BAS19-G3-08 or BAS19-G3-18
A8G
Single diode
Tape and reel
BAS20-G
VR = 150 V
BAS20-G3-08 or BAS20-G3-18
A9G
Single diode
Tape and reel
BAS21-G
VR = 200 V
BAS21-G3-08 or BAS21-G3-18
AAG
Single diode
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Continuous reverse voltage
BAS19-G
VR
100
V
BAS20-G
VR
150
V
BAS21-G
VR
200
V
Repetitive peak reverse voltage
BAS19-G
VRRM
120
V
BAS20-G
VRRM
200
V
BAS21-G
VRRM
250
V
Non-repetitive peak forward current
t = 1 μs
IFSM
2.5
A
Non-repetitive peak forward surge current
t = 1 s
0.5
Maximum average forward rectified current (1)
(av. over any 20 ms period)
IF(AV)
200
mA
DC forward current (2)
IF
200
mA
Repetitive peak forward current
IFRM
625
mA
Power dissipation (2)
Ptot
250
mW


Similar Part No. - BAS19-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS19-G VISHAY-BAS19-G Datasheet
95Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-Feb-18
BAS19-G VISHAY-BAS19-G Datasheet
96Kb / 4P
   Small Signal Switching Diodes, High Voltage
01-Jan-2022
BAS19-G VISHAY-BAS19-G_V01 Datasheet
96Kb / 4P
   Small Signal Switching Diodes, High Voltage
01-Jan-2022
More results

Similar Description - BAS19-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 02-Aug-12
BAV19W-V VISHAY-BAV19W-V Datasheet
101Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.2, 22-Jul-05
BAV200 VISHAY-BAV200_12 Datasheet
177Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.7, 31-Jul-12
BAV19WS VISHAY-BAV19WS_17 Datasheet
87Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 2.2, 12-Jul-17
BAS19G VISHAY-BAS19G Datasheet
95Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-Feb-18
BAV19WG VISHAY-BAV19WG Datasheet
111Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.4, 22-Feb-18
BAV19W VISHAY-BAV19W Datasheet
99Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 13-May-13
BAV19W-G VISHAY-BAV19W-G Datasheet
100Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-May-13
BAV17 VISHAY-BAV17_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.8, 02-Aug-12
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.1, 26-Nov-10
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.9, 07-Mar-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com