Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10ETF02PbF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 10ETF02PbF
Description  Fast Soft Recovery Rectifier Diode, 10 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10ETF02PbF Datasheet(HTML) 3 Page - Vishay Siliconix

  10ETF02PbF Datasheet HTML 1Page - Vishay Siliconix 10ETF02PbF Datasheet HTML 2Page - Vishay Siliconix 10ETF02PbF Datasheet HTML 3Page - Vishay Siliconix 10ETF02PbF Datasheet HTML 4Page - Vishay Siliconix 10ETF02PbF Datasheet HTML 5Page - Vishay Siliconix 10ETF02PbF Datasheet HTML 6Page - Vishay Siliconix 10ETF02PbF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94090
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 17-Apr-08
3
10ETF..PbF Soft Recovery Series
Fast Soft Recovery
Rectifier Diode, 10 A
Vishay High Power Products
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
130
125
150
0
6
Average Forward Current (A)
4
28
140
60°
30°
90°
180°
10
12
10ETF.. Series
R
thJC (DC) = 1.5 °C/W
145
135
Conduction angle
120
120°
Ø
130
125
120
150
010
Average Forward Current (A)
6
212
140
16
10ETF.. Series
R
thJC (DC) = 1.5 °C/W
145
135
Ø
Conduction period
48
14
60°
30°
180°
90°
120°
DC
4
0
16
0
Average Forward Current (A)
8
10
10
10ETF.. Series
T
J = 150 °C
12
8
46
180°
RMS limit
Conduction angle
2
2
6
14
60°
30°
90°
120°
Ø
4
0
20
0
Average Forward Current (A)
12
12
16
10ETF.. Series
T
J = 150 °C
16
8
Ø
Conduction period
DC
48
60°
30°
180°
90°
120°
RMS limit
160
80
40
1
10
100
Number of Equal Amplitude Half Cycle
Current Pulses (N)
140
60
100
120
10ETF.. Series
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge.
180
80
40
0.01
0.1
1
Pulse Train Duration (s)
140
60
100
120
10ETF.. Series
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
Maximum non-repetitive surge current
versus pulse train duration.
160


Similar Part No. - 10ETF02PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10ETF02PBF VISHAY-10ETF02PBF Datasheet
831Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 17-Apr-08
More results

Similar Description - 10ETF02PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
VS-10ETF1PBF VISHAY-VS-10ETF1PBF Datasheet
251Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
VS-10ETF06THM3 VISHAY-VS-10ETF06THM3_V01 Datasheet
242Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF10FP-M3 VISHAY-VS-10ETF10FP-M3_V01 Datasheet
232Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF0-M3 VISHAY-VS-10ETF0-M3 Datasheet
256Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
VS-10ETF10FP-M3 VISHAY-VS-10ETF10FP-M3 Datasheet
231Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 15-Sep-17
VS-10ETF12THM3 VISHAY-VS-10ETF12THM3 Datasheet
244Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 27-Mar-2019
10ETF02FPPBF VISHAY-10ETF02FPPBF Datasheet
836Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 28-May-08
VS-10ETF0FPPBF VISHAY-VS-10ETF0FPPBF Datasheet
234Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
VS-10ETF12THM3 VISHAY-VS-10ETF12THM3_V01 Datasheet
242Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com